Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 70Page - Exar Corporation XRT79L71 Datasheet HTML 71Page - Exar Corporation XRT79L71 Datasheet HTML 72Page - Exar Corporation XRT79L71 Datasheet HTML 73Page - Exar Corporation XRT79L71 Datasheet HTML 74Page - Exar Corporation XRT79L71 Datasheet HTML 75Page - Exar Corporation XRT79L71 Datasheet HTML 76Page - Exar Corporation XRT79L71 Datasheet HTML 77Page - Exar Corporation XRT79L71 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
62
t59
Delay time from Read Enable false to RxUSoC bit being tri-
stated
111.5
16
ns
t61
RxUAddr[4:0] Hold Time from rising edge of RxUClk
1
ns
t62
RxUClav signal valid (not Hi-Z) from first RxUClk rising edge of
valid and correct RxUAddr[4:0]
2.5
8.6
ns
t63
RxUClav signal Hi-Z from first RxUClk rising edge of different
RxUAddr[4:0].
2.5
8.6
ns
t58
Delay time from Read Enable false to RxUPrty bit being tri-
stated
112
16
ns
t59
Delay time from Read Enable false to RxUSoC bit being tri-
stated
111.5
16
ns
t60
RxUAddr[4:0] Setup Time to rising edge of RxUClk
4
ns
t61
RxUAddr[4:0] Hold Time from rising edge of RxUClk
1
ns
t62
RxUClav signal valid (not Hi-Z) from first RxUClk rising edge of
valid and correct RxUAddr[4:0]
17.8
16
ns
t63
RxUClav signal Hi-Z from first RxUClk rising edge of different
RxUAddr[4:0].
19.2
16
ns
TABLE 14: TIMING INFORMATION FOR THE RECEIVE UTOPIA INTERFACE BLOCK
Symbol
PARAMETER
MIN.TYP
MAX.UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com