| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 97 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 97 Page - Exar Corporation |
|
97 / 441 page ![]() áç áç áç áç PRELIMINARY XRT79L71 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC REV. P1.0.3 85 0 Receive Cell Processor Block Interrupt - XRT79L71 R/O Receive Cell Processor Block Interrupt - XRT79L71: This READ/ONLY bit-field indicates whether or not the "Receive Cell Processor" block, associated with XRT79L71 is declaring an Interrupt, as described below. 0 - The Receive Cell Processor block, associated with XRT79L71 is NOT declaring an Interrupt. 1 - The Receive Cell Processor block, associated with XRT79L71 is currently declaring an interrupt. CHANNEL INTERRUPT INDICATOR - LIU/JITTER ATTENUATOR BLOCK (ADDRESS = 0X011D) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 Unused LIU/JA Block Interrupt R/O R/O 00 BIT NUMBER NAME TYPE DESCRIPTION 7 - 1 Unused R/O 0 LIU/JA Block Interrupt - XRT79L71 R/O LIU/JA Block Interrupt - XRT79L71: This READ/ONLY bit-field indicates whether or not the "LIU/JA" block, associated with XRT79L71 is declaring an Interrupt, as described below. 0 - The LIU/JA block, associated with XRT79L71 is NOT declar- ing an Interrupt. 1 - The LIU/JA block, associated with XRT79L71 is currently declaring an interrupt. CHANNEL INTERRUPT INDICATOR - TRANSMIT CELL PROCESSOR/PPP PROCESSOR BLOCK (ADDRESS = 0X0121) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 Unused Transmit Cell Processor Block Interrupt R/O R/O 0 BIT NUMBER NAME TYPE DESCRIPTION 7 - 1 Unused R/O BIT NUMBER NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |