Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 59Page - Exar Corporation XRT79L71 Datasheet HTML 60Page - Exar Corporation XRT79L71 Datasheet HTML 61Page - Exar Corporation XRT79L71 Datasheet HTML 62Page - Exar Corporation XRT79L71 Datasheet HTML 63Page - Exar Corporation XRT79L71 Datasheet HTML 64Page - Exar Corporation XRT79L71 Datasheet HTML 65Page - Exar Corporation XRT79L71 Datasheet HTML 66Page - Exar Corporation XRT79L71 Datasheet HTML 67Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
51
t14
TxNib set-up time to third rising edge of TxInClk
20
27
ns
ns
DS3 Applications
E3 Applications
t15
Payload Nibble hold time, from latching edge of
TxInClk
0ns
t16
TxFrameRef set-up time, to latching edge of TxInClk
20
27
ns
ns
DS3 Applications
E3 Applications
Framer IC is
Frame Slave
t17
TxFrameRef hold time, from latching edge of TxNib-
Clk
0
ns
Framer IC is
Frame Slave
t18
TxNibClk to TxNibFrame output delay time
20
25
31
ns
ns
DS3 Applications
E3 Applications
FIGURE 13. TIMING DIAGRAM FOR THE TRANSMIT PAYLOAD DATA INPUT INTERFACE WHEN THE XRT79L71 IS OPER-
ATING IN BOTH THE
DS3 AND LOOP-TIMING MODES
TABLE 11: TIMING INFORMATION FO RTHE TRNASMIT PAYLOAD DATA INPUT INTERFACE BLOCK
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS
XRT79L71 Transmit Payload Data I/F Signals
RxOutClk
TxSer
TxFrame
TxOH_Ind
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
DS3 Frame Number N
DS3 Frame Number N + 1
t1
t2
t3
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com