| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 32 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 32 Page - Exar Corporation |
|
32 / 441 page ![]() XRT79L71 PRELIMINARY áç áç áç áç REV. P1.0.3 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC 20 N3 TxUClav/ TxPPA O Transmit UTOPIA Interface - Cell Available Output Pin/Transmit POS-PHY Interface - Packet Data Available Output pin: The function of this output pin depends upon whether the XRT79L71 has been configured to operate in the ATM UNI or PPP Mode. ATM UNI Mode - TxUClav: This output pin supports data flow control between the ATM Layer processor and the Transmit UTOPIA Interface block. This signal is asserted (toggles "High") when the TxFIFO is capable of receiving at least one more full cell of data from the ATM Layer processor. This signal is negated, if the TxFIFO is not capable of receiving one more full cell of data from the ATM Layer processor. Multi-PHY Operation: When the UNI chip is operating in the Multi-PHY mode, this signal will be tri- stated until the TxUClk cycle following the assertion of a valid address on the Transmit UTOPIA Address bus input pins (e.g., when the contents on the Trans- mit UTOPIA Address bus pins match that within the Transmit UTOPIA Address Register. Afterwards, this output pin will behave in accordance with the cell-level handshake mode. PPP Mode - TxPPA: The XRT79L71 will drive this output pin "High" whenever a programmable num- ber of bytes of empty space is available for writing more packet data into the TxFIFO. P3 TxUSoC/ TxPSoP I Transmit UTOPIA - Start of Cell Input/Transmit POS-PHY - Start of Packet Input: The function of this input signal depends upon whether the XRT79L71 has been configured to operate in the ATM UNI or in the PPP Mode. ATM UNI Mode Operation - TxUSoC: This input pin is driven by the ATM Layer Processor and is used to indicate the start of an ATM cell that is being transmitted from the ATM Layer Processor. This input pin must be pulsed "High" whenever the first byte (or word) of a new cell is present on the Transmit UTOPIA Data Bus (TxUData[15:0]). This input pin must remain "Low" at all other times. PPP Mode Operation - TxPSoP/TxPSoC: If the XRT79L71 has been configured to operate in the Packet-Mode, then this input pin is pulsed "High" to denote that the first byte (or word) of a given packet is placed on the TxPData[15:0] input pins.If the XRT79L71 has been configured to operate in the Cell-Chunk Mode, then this input pin is pulsed "High" to denote that the first byte of a packet chunk, if placed on the TxPData[15:0] input pins. NOTE: This input pin is only valid if the XRT79L71 has been configured to operate in the PPP Mode. PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |