| Electronic Components Datasheet Search |
|
XRT79L71 Datasheet(PDF) 92 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71 Datasheet(HTML) 92 Page - Exar Corporation |
|
92 / 441 page ![]() XRT79L71 PRELIMINARY áç áç áç áç REV. P1.0.3 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC 80 BIT NUMBER NAME TYPE DESCRIPTION 7 - 0 Device ID Value R/O Device ID Value: This READ-ONLY bit-field is set to the value "0x7A" and permits the user's software code to uniquely identify this device as the XRT79L71 device. REVISION ID REGISTER (ADDRESS = 0X0105) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 Revision Number Value R/O R/O R/O R/O R/O R/O R/O R/O 00 000 001 BIT NUMBER NAME TYPE DESCRIPTION 7 - 0 Revision Number Value R/O Revision Number Value: This READ-ONLY bit-field is set to the value that corresponds to its revision number. Revision A silicon will be set to the value "0x01". This register permits the user's software code to uniquely identify the revision number of the XRT79L71 device. OPERATION INTERRUPT STATUS REGISTER - BYTE 1 (ADDRESS = 0X0112) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 Unused DS3/E3 LIU/JA Block Interrupt Status DS3/E3 Framer Block Interrupt Status Unused R/O R/O R/O R/O R/O R/O R/O R/O 00 000 000 BIT NUMBER NAME TYPE DESCRIPTION 7 - 4 Unused R/O 3 DS3/E3 LIU/JA Block Interrupt Status R/O DS3/E3 LIU/JA Block Interrupt Status: This READ-ONLY bit-field indicates whether or not a "DS3/E3 LIU/JA Block" interrupt is awaiting service. 0 - No "DS3/E3 LIU/JA" block interrupt is awaiting service. 1 - At least one "DS3/E3 LIU/JA" block interrupt is awaiting ser- vice. 2 DS3/E3 Framer Block Interrupt Status R/O DS3/E3 Framer Block Interrupt Status: This READ-ONLY bit-field indicates whether or not a "DS3/E3 Framer Block" interrupt is awaiting service. 0 - No "DS3/E3 Framer" block interrupt is awaiting service. 1 - At least one "DS3/E3 Framer" block interrupt is awaiting ser- vice. 1 - 0 Unused R/O |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |