Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 41Page - Exar Corporation XRT79L71 Datasheet HTML 42Page - Exar Corporation XRT79L71 Datasheet HTML 43Page - Exar Corporation XRT79L71 Datasheet HTML 44Page - Exar Corporation XRT79L71 Datasheet HTML 45Page - Exar Corporation XRT79L71 Datasheet HTML 46Page - Exar Corporation XRT79L71 Datasheet HTML 47Page - Exar Corporation XRT79L71 Datasheet HTML 48Page - Exar Corporation XRT79L71 Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
33
H3
RxUPrty/
RxPPrty
O
Receive UTOPIA Interface - Parity Output pin/Receive POS-PHY Interface -
Parity Output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or the PPP Modes.
ATM UNI Mode - RxUPrty:
The Receive UTOPIA interface block will compute the odd-parity value of each
byte (or word) that it will place in the Receive UTOPIA Data Bus. This odd-par-
ity value will be output on this pin, while the corresponding byte (or word) is
present on the Receive UTOPIA Data Bus
PPP Mode - RxPPrty:
The Receive POS-PHY Interface block will compute the odd-parity value of
each byte (or word) that it will place in the Receive POS-PHY Data Bus. This
odd parity value will be output on this pin, which the corresponding byte (or
word) is present on the Receive POS-PHY Data Bus.
K3
RxPEOP
O
Receive POS-PHY Interface - End of Packet:
The XRT79L71 drives this output pin "High" whenever the last byte of a given
Packet is being output via the RxPData[15:0] data bus.
NOTES:
1.
This output pin is only valid when the XRT79L71 is configured to
operate in the PPP Mode.
2.
This output pin is only valid when the Receive POS-PHY Interface -
Read Enable Output pin.
N2
RxPDVAL
O
Receive POS-PHY Interface Signal Valid Indicator:
This output signal indicates whether or not the Receive POS-PHY Interface sig-
nals (e.g., PRData[15:0], RxPSOP, RxPEOP, RxPPrty, RxPERR) are valid.
This output pin will be driven "High", when these signals are valid. Conversely,
this output pin will be driven "Low" when these signals are NOT valid.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in the PPP Mode.
J1
J2
J3
J4
K1
RxAddr_0
RxAddr_1
RxAddr_2
RxAddr_3
RxAddr_4
I
Receive UTOPIA Address Bus input MSB:
These input pins functions as the Receive UTOPIA Address bus inputs. These
input pins are only active when the Framer/UNI device is operating in the ATM
UNI Mode. The Receive UTOPIA Address Bus input is sampled on the rising
edge of the RxClk signal. The contents of this address bus are compared with
the value stored in the Rx UT Address Register (Address = 0x6C). If these two
values match, then the UNI will inform the ATM Layer Processor on whether or
not it has any new ATM cells to be read from the RxFIFO by driving the RxClav
output to the appropriate level. If these two address values do not match, then
the UNI will not respond to the ATM Layer Processor and will keep its RxClav
output signal tri-stated.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com