Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT79L71
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 87Page - Exar Corporation XRT79L71 Datasheet HTML 88Page - Exar Corporation XRT79L71 Datasheet HTML 89Page - Exar Corporation XRT79L71 Datasheet HTML 90Page - Exar Corporation XRT79L71 Datasheet HTML 91Page - Exar Corporation XRT79L71 Datasheet HTML 92Page - Exar Corporation XRT79L71 Datasheet HTML 93Page - Exar Corporation XRT79L71 Datasheet HTML 94Page - Exar Corporation XRT79L71 Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
79
OPERATION CONTROL REGISTER - BYTE 0 (ADDRESS = 0X0103)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Transmit
UTOPIA
PLL OFF
Receive
UTOPIA
PLL OFF
Reserved
PPP/ATM*
Reserved
Software
RESET*
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Transmit UTOPIA PLL
OFF
R/W
6
Receive UTOPIA PLL
OFF
R/W
5 - 3
Unused
R/O
2
PPP/ATM*
R/W
PPP/ATM UNI Mode Select:
This READ-WRITE bit-field permits the user to configure the
XRT79L71 device to operate in either the ATM UNI or PPP
Mode.
If Bit 3 (Dual Bus), within the "Operation Control Register - Byte
3" is set to "0", then this bit-field will then dictate the operating
mode of the XRT79L71 device.
0 - Configures the "Dedicated" UTOPIA/POS-PHY bus to oper-
ate in the UTOPIA (ATM) Mode.
1 - Configures the "Dedicated" UTOPIA/POS-PHY Bus to oper-
ate in the POS-PHY Mode.
NOTE:
This bit-field is ignored if Bit 3 (Dual-Bus) within the
"Operation Control Register - Byte 3" is set to "1".
1
Reserved
R/O
0
Software RESET
R/W
Software RESET:
This READ-WRITE bit-field permits the user to reset the
XRT79L71 device.
0 - Configure the XRT79L71 device into RESET mode.
1 - Normal operation.
DEVICE ID REGISTER (ADDRESS = 0X0104)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
DEVICE_ID_VALUE [7:0]
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
0
1111
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com