Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 63 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 63 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 59Page - WIZnet Co., Ltd W5100 Datasheet HTML 60Page - WIZnet Co., Ltd W5100 Datasheet HTML 61Page - WIZnet Co., Ltd W5100 Datasheet HTML 62Page - WIZnet Co., Ltd W5100 Datasheet HTML 63Page - WIZnet Co., Ltd W5100 Datasheet HTML 64Page - WIZnet Co., Ltd W5100 Datasheet HTML 65Page - WIZnet Co., Ltd W5100 Datasheet HTML 66Page - WIZnet Co., Ltd W5100 Datasheet HTML 67Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
62
6.3.1 Device Operations
The W5100 is controlled by a set of instruction that is sent from a host controller, commonly
referred to as the SPI Master. The SPI Master communicates with W5100 via the SPI bus which
is composed of four signal lines: Slave Select(/SS), Serial Clock(SCLK), MOSI(Master Out Slave
In), MISO(Master In Slave Out).
The SPI protocol defines four modes for its operation (Mode 0, 1, 2, 3). Each mode differs
according to the SCLK polarity and phase - how the polarity and phase control the flow of
data on the SPI bus.
The W5100 operates as SPI Slave device and supports the most common mode - SPI Mode 0.
With SPI Mode 0, data is always latched in on the rising edge of SCLK and always output on
the falling edge of SCLK.
6.3.2 Commands
According to SPI protocol, there are only two data lines used between SPI devices. So, it is
necessary to define OP-Code. W5100 uses two types of OP-Code - Read OP-Code and Write
OP-Code. Except for those two OP-Codes, W5100 will be ignored and no operation will be
started.
In SPI Mode, W5100 operates in “unit of 32-bit stream”.
The unit of 32-bit stream is composed of 1 byte OP-Code Field, 2 bytes Address Field and 1
byte data Field.
OP-Code, Address and data bytes are transferred with the most significant bit(MSB) first and
least significant bit(LSB) last. In other words, the first bit of SPI data is MSB of OP-Code Field
and the last bit of SPI data is LSB of Data-Field. W5100 SPI data format is as below.
Command
OP-Code Field
Address Field
Data Field
Write operation
0xF0
1111 0000
2 bytes
1 byte
Read operation
0x0F
0000 1111
2 bytes
1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com