Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 37 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 37 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 33Page - WIZnet Co., Ltd W5100 Datasheet HTML 34Page - WIZnet Co., Ltd W5100 Datasheet HTML 35Page - WIZnet Co., Ltd W5100 Datasheet HTML 36Page - WIZnet Co., Ltd W5100 Datasheet HTML 37Page - WIZnet Co., Ltd W5100 Datasheet HTML 38Page - WIZnet Co., Ltd W5100 Datasheet HTML 39Page - WIZnet Co., Ltd W5100 Datasheet HTML 40Page - WIZnet Co., Ltd W5100 Datasheet HTML 41Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
36
Sn_RX_RSR (RX Received Size Register) [R] [0x0426-0x0427, 0x0526-0x0527, 0x0626-
0x0627, 0x0726-0x0727] [0x0000]
This register notifies the data size received in RX Memory. As this value is internally
calculated with the values of Sn_RX_RD and Sn_RX_WR, it is automatically changed by RECV
command of Socket n Command Register(Sn_CR) and receiving data for remote peer. When
reading this register, user should read upper byte(0x0426,0x0526,0x0626,0x0726) first and
lower byte(0x0427,0x0527,0x0627,0x0727) later to get the correct value.
Ex) In case of 2048(0x0800) in S0_RX_RSR,
0x0426
0x0427
0x08
0x00
The total size of this value can be decided according to the value of RX Memory Size Register.
Sn_RX_RD (Socket n RX Read Pointer Register) [R/W] [0x0428-0x0429, 0x0528-0x0529,
0x0628-0x0629, 0x0728-0x0729] [0x0000]
This register offers the location information to read the receiving data. When reading this
register, user should read upper byte (0x0428, 0x0528, 0x0628, 0x0728) first and lower byte
(0x0429, 0x0529, 0x0629, 0x0729) later to get the correct value. It has a random value as its
initial value.
Caution: This register value is changed after the successfully executed receive command to
Sn_CR.
Ex) In case of 2048(0x0800) in S0_RX_RD,
0x0428
0x0429
0x08
0x00
But this value itself is not the physical address to read. So, the physical address should be
calculated as follow.
1. Socket n RX Base Address (hereafter we'll call gSn_RX_BASE) and Socket n RX Mask
Address (hereafter we'll call gSn_RX_MASK) are calculated on RMSR value. Refer to
the pseudo code of the 5.1 Initialization if the detail is needed.
2. The bitwise-AND operation of two values, Sn_RX_RD and gSn_RX_MASK give result the
offset address(hereafter we'll call get_offset), in RX memory range of the socket.
3. Two values get_offset and gSn_RX_BASE are added together to give result the
physical address(hereafter, we'll call get_start_address).
Now, read the receiving data from get_start_address as large as you want. (* There's a case
that it exceeds the RX memory upper-bound of the socket while reading. In this case, read
the receiving data to the upper-bound, and change the physical address to the gSn_RX_BASE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com