Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 25 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 25 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 21Page - WIZnet Co., Ltd W5100 Datasheet HTML 22Page - WIZnet Co., Ltd W5100 Datasheet HTML 23Page - WIZnet Co., Ltd W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
24
RCR (Retry Count Register) [R/W] [0x0019] [0x08]
This register sets the number of re-transmission. If retransmission occurs more than the
number recorded in RCR, Timeout Interrupt (TIMEOUT bit of Socket n Interrupt Register
(Sn_IR) is set as ‘1’) will occur.
RMSR(RX Memory Size Register) [R/W] [0x001A] [0x55]
This register assigns total 8K RX Memory to each socket.
7
6
5
4
3
2
1
0
Socket 3
Socket 2
Socket 1
Socket 0
S1
S0
S1
S0
S1
S0
S1
S0
The memory size according to the configuration of S1, S0, is as below.
S1
S0
Memory size
0
0
1KB
0
1
2KB
1
0
4KB
1
1
8KB
According to the value of S1 and S0, the memory is assigned to the sockets from socket 0
within the range of 8KB. If there is not enough memory to be assigned, the socket should not
be used. The initial value is 0x55 and the 2K memory is assigned to each 4 sockets
respectively.
Ex) When setting as 0xAA, the 4KB memory should be assigned to each socket.
However, the total memory size is 8KB. The memory is normally assigned to the socket 0 and
1, but not to the socket 2 and 3. Therefore, socket 2 and 3 can not be absolutely used.
Socket 3
Socket 2
Socket 1
Socket 0
0KB
0KB
4KB
4KB
TMSR(TX Memory Size Register) [R/W] [0x001B] [0x55]
This register is used in assigning total 8K TX Memory to sockets. Configuration can be done in
the same way of RX Memory Size Register (RMSR). The initial value is 0x55 and it is to assign
2K memory to 4 sockets respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com