Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 23 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 23 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 19Page - WIZnet Co., Ltd W5100 Datasheet HTML 20Page - WIZnet Co., Ltd W5100 Datasheet HTML 21Page - WIZnet Co., Ltd W5100 Datasheet HTML 22Page - WIZnet Co., Ltd W5100 Datasheet HTML 23Page - WIZnet Co., Ltd W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
22
IR (Interrupt Register) [R] [0x0015] [0x00]
This register is accessed by the host processor to know the cause of an interrupt.
Any interrupt can be masked in the Interrupt Mask Register (IMR). The /INT signal retain low
as long as any masked signal is set, and will not go high until all masked bits in this Register
have been cleared.
7
6
5
4
3
2
1
0
CONFLICT
UNREACH
PPPoE
Reserved
S3_INT
S2_INT
S1_INT
S0_INT
Bit
Symbol
Description
7
CONFLICT
IP Conflict
It is set as ‘1’, when there is ARP request with same IP address as Source IP
address. This bit is cleared to ‘0’ by writing ‘1’ to this bit.
6
UNREACH
Destination unreachable
W5100 will receive ICMP(Destination Unreachable) packet if non-existing
destination IP address is transmitted during UDP data transmission. (Refer
to “5.2.2 UDP”). In this case, the IP address and the port number will be
saved in Unreachable IP Address (UIPR) and Unreachable Port Register
(UPORT), and the bit will be set as ‘1’. This bit will be cleared to ‘0’ by
writing ‘1’ to this bit.
5
PPPoE
PPPoE Connection Close
In the PPPoE Mode, if the PPPoE connection is closed, ‘1’ is set. This bit
will be cleared to ‘0’ by writing ‘1’ to this bit.
4
Reserved
Reserved
3
S3_INT
Occurrence of Socket 3 Socket Interrupt
It is set in case that interrupt occurs at the socket 3. For more detailed
information of socket interrupt, refer to “Socket 3 Interrupt Register
(S3_IR)”. This bit will be automatically cleared when S3_IR is cleared to
0x00.
2
S2_INT
Occurrence of Socket 2 Socket Interrupt
It is set in case that interrupt occurs at the socket 2. For more detailed
information
of
socket
interrupt,
refer
to
“Socket
2
Interrupt
Register(S2_IR)”. This bit will be automatically cleared when S2_IR is
cleared to 0x00.
1
S1_INT
Occurrence of Socket 1 Socket Interrupt
It is set in case that interrupt occurs at the socket 1. For more detailed
information of socket interrupt, refer to “Socket 1 Interrupt Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com