Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 11 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 11 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 7Page - WIZnet Co., Ltd W5100 Datasheet HTML 8Page - WIZnet Co., Ltd W5100 Datasheet HTML 9Page - WIZnet Co., Ltd W5100 Datasheet HTML 10Page - WIZnet Co., Ltd W5100 Datasheet HTML 11Page - WIZnet Co., Ltd W5100 Datasheet HTML 12Page - WIZnet Co., Ltd W5100 Datasheet HTML 13Page - WIZnet Co., Ltd W5100 Datasheet HTML 14Page - WIZnet Co., Ltd W5100 Datasheet HTML 15Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
10
High = SPI Mode Enable
If you don’t use SPI mode, then you tied this signal to
‘0’.
SCLK
I
30
SPI CLOCK
This pin is used to SPI Clock signal Pin.
/SCS
I
29
SPI SLAVE SELECT
This pin is used to SPI Slave Select signal Pin. This pin is
active low
MOSI
I
28
SPI MASTER OUT SLAVE IN
This pin is used to SPI MOSI signal pin.
MISO
O
27
SPI MASTER IN SLAVE OUT
This pin is used to SPI MISO signal pin.
1.2 PHY Signals
Symbol
Type
Pin No
Description
RXIP
I
5
RXIP/RXIN Signal Pair
The differential data from the media is received on
the RXIP/RXIN signal pair.
RXIN
I
6
TXOP
O
8
TXOP/TXON Signal Pair
The differential data is transmitted to the media on
the TXOP/TXIN signal pair.
TXON
O
9
RSET_BG
O
1
PHY Off-chip resistor
Connect a resistor of 12.3 ㏀±1% to the ground.
Refer to the “Reference schematic”.
OPMODE2-0
I
65, 64,
63
OPERATION CONTROL MODE
[2:0]
Description
000
Auto-negotiation enable with all capabilities
001
Auto-negotiation with 100 BASE- X FDX/HDX ability
010
Auto-negotiation with 10 BASE-T FDX/HDX ability
011
Reserved
100
Manual selection of 100 BASE-TX FDX
101
Manual selection of 100 BASE-TX HDX
110
Manual selection of 10 BASE-T FDX
111
Manual selection of 10 BASE-T HDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com