Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 10 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 10 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 6Page - WIZnet Co., Ltd W5100 Datasheet HTML 7Page - WIZnet Co., Ltd W5100 Datasheet HTML 8Page - WIZnet Co., Ltd W5100 Datasheet HTML 9Page - WIZnet Co., Ltd W5100 Datasheet HTML 10Page - WIZnet Co., Ltd W5100 Datasheet HTML 11Page - WIZnet Co., Ltd W5100 Datasheet HTML 12Page - WIZnet Co., Ltd W5100 Datasheet HTML 13Page - WIZnet Co., Ltd W5100 Datasheet HTML 14Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
9
1.1 MCU Interface Signals
Symbol
Type
Pin No
Description
/RESET
I
59
RESET
This pin is active Low input to initialize or re-initialize
W5100.
By asserting this pin low for at least 2us, all internal
registers will be re-initialized to their default states.
ADDR14-0
I
38,39,40
,41,42,45
,46,47,48
,49,50,51
,52, 53,54
ADDRESS
These pins are used to select a register or memory.
Address pins are internally pulled down.
DATA7-0
I/O
19, 20,
21, 22,
23, 24,
25, 26
DATA
These pins are used to read and write register or
memory data.
/CS
I
55
CHIP SELECT
Chip Select is for MCU to access to internal registers or
memory. /WR and /RD select direction of data transfer.
This pin is active low.
/INT
O
56
INTERRUPT
This pin Indicates that W5100 requires MCU attention
after socket connecting, disconnecting, data receiving or
timeout. The interrupt is cleared by writing IR(Interrupt
Register) or Sn_IR (Socket nth Interrupt Register). All
interrupts are maskable. This pin is active low.
/WR
I
57
WRITE ENABLE
Strobe from MCU to write an internal register/memory
selected by ADDR[14:0]. Data is latched into the W5100
on the rising edge of this input. This signal is active low.
/RD
I
58
READ ENABLE
Strobe from MCU to read an internal register/memory
selected by ADDR[14:0]. This signal is active low.
SEN
I
31
SPI ENABLE
This pin selects Enable/disable of the SPI Mode.
Low = SPI Mode Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com