Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 27 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 27 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 23Page - WIZnet Co., Ltd W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
26
4.2 Socket Registers
Sn1_MR (Socket n Mode Register) [R/W] [0x0400, 0x0500, 0x0600, 0x0700] [0x00]2
This register sets up socket option or protocol type for each socket.
7
6
5
4
3
2
1
0
MULTI
MF
ND / MC
P3
P2
P1
P0
Bit
Symbol
Description
7
MULTI
Multicasting
0 : disable Multicasting
1 : enable Multicasting
It is applied only in case of UDP.
For using multicasting, write multicast group address to Socket n Destination
IP and multicast group port number to Socket n Destination Port Register,
before OPEN command.
6
MF
MAC Filter (S0_MR support only)
0 : Disable MAC filter
1 : Enable MAC filter
It is used in MACRAW (P3~P0: “0100”).
When this bit is set as ‘1’, W5100 can receive packet that is belong in itself
or broadcasting. When this bit is set as ‘0’, W5100 can receive all packets
on Ethernet. When using the hybrid TCP/IP stack, it is recommended to be
set as ‘1’ for reducing the receiving overhead of host.
5
ND/MC
Use No Delayed ACK
0 : Disable No Delayed ACK option
1 : Enable No Delayed ACK option,
It is applied only in case of TCP. If this bit is set as ‘1’, ACK packet is
transmitted whenever receiving data packet from the peer. If this bit is
cleared to ‘0’, ACK packet is transmitted according to internal Timeout
mechanism.
Multicast
0 : using IGMP version 2
1 : using IGMP version 1
1
n is socket number (0, 1, 2, 3).
2
[Read/Write] [address of socket 0, address of socket 1, address of socket 2, address of socket 3] [Reset
value]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com