Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 72 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 72 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 64Page - WIZnet Co., Ltd W5100 Datasheet HTML 65Page - WIZnet Co., Ltd W5100 Datasheet HTML 66Page - WIZnet Co., Ltd W5100 Datasheet HTML 67Page - WIZnet Co., Ltd W5100 Datasheet HTML 68Page - WIZnet Co., Ltd W5100 Datasheet HTML 69Page - WIZnet Co., Ltd W5100 Datasheet HTML 70Page - WIZnet Co., Ltd W5100 Datasheet HTML 71Page - WIZnet Co., Ltd W5100 Datasheet HTML 72Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
71
A2
1.35
1.40
1.45
0.053
0.055
0.057
D
12.00 BSC.
0.472 BSC.
D1
10.00 BSC.
0.393 BSC.
E
12.00 BSC.
0.472 BSC.
E1
10.00 BSC.
0.393 BSC.
R2
0.08
-
0.20
0.003
-
0.008
R1
0.08
-
-
0.003
-
-
θ
0°
3.5°
7°
0°
3.5°
7°
θ1
0°
-
-
0°
-
-
θ2
11°
12°
13°
11°
12°
13°
θ3
11°
12°
13°
11°
12°
13°
c
0.09
-
0.20
0.004
-
0.008
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
S
0.20
-
-
0.008
-
-
b
0.13
0.16
0.23
0.005
0.006
0.009
e
0.40 BSC
0.016 BSC
D2
7.60
0.299
E2
7.60
0.299
aaa
0.20
0.008
bbb
0.20
0.008
ccc
0.08
0.003
ddd
0.07
0.003
Note :
1. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25mm PER SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY
SIZE DIMENSIONS INCLUDING MOLD MISMATCH.
2. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED THE
MAXIMUM b DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND AN ADJACENT LEAD IS 0.07mm FOR 0.4mm AND 0.5mm
PITCH PACKAGES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com