Electronic Components Datasheet Search
  English  ▼

X  

W5100 Datasheet(PDF) 26 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 26 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 22Page - WIZnet Co., Ltd W5100 Datasheet HTML 23Page - WIZnet Co., Ltd W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
25
PATR (Authentication Type in PPPoE mode) [R] [0x001C-0x001D] [0x0000]
This register notifies authentication method that has been agreed at the connection with
PPPoE Server. W5100 supports two types of Authentication method - PAP and CHAP.
Value
Authentication Type
0xC023
PAP
0xC223
CHAP
PTIMER (PPP Link Control Protocol Request Timer Register) [R/W] [0x0028] [0x28]
This register indicates the duration for sending LCP Echo Request. Value 1 is about 25ms.
Ex) in case that PTIMER is 200,
200 * 25(ms) = 5000(ms) = 5 seconds
PMAGIC (PPP Link Control Protocol Magic number Register) [R/W] [0x0029] [0x00]
This register is used in Magic number option during LCP negotiation. Refer to the application
note, “How to connect ADSL”.
UIPR (Unreachable IP Address Register) [R] [0x002A – 0x002D] [0x00]
In case of data transmission using UDP (refer to “5.2.2. UDP”), if transmitting to non-existing
IP address, ICMP (Destination Unreachable) packet will be received. In this case, that IP
address and port number will be saved in the Unreachable IP Address Register(UIPR) and
Unreachable Port Register(UPORT) respectively.
Ex) in case of “192.168.0.11”,
0x002A
0x002B
0x002C
0x002D
192 (0xC0)
168 (0xA8)
0 (0x00)
11 (0x0B)
UPORT (Unreachable Port Register) [R] [0x002E – 0x002F] [0x0000]
Refer to Unreachable IP Address Register (UIPR)
Ex) In case of 5000(0x1388),
0x002E
0x002F
0x13
0x88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com