Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 12Page - NXP Semiconductors MPC5777C Datasheet HTML 13Page - NXP Semiconductors MPC5777C Datasheet HTML 14Page - NXP Semiconductors MPC5777C Datasheet HTML 15Page - NXP Semiconductors MPC5777C Datasheet HTML 16Page - NXP Semiconductors MPC5777C Datasheet HTML 17Page - NXP Semiconductors MPC5777C Datasheet HTML 18Page - NXP Semiconductors MPC5777C Datasheet HTML 19Page - NXP Semiconductors MPC5777C Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
core side input
PAD
Voh
Vol
tPD
(low to high)
Fall
Time
VDDEx
VSSEx
Rise
Time
tPD
(high to low)
VDD/2
Figure 5. I/O output DC electrical characteristics definition
The following tables specify output DC electrical characteristics.
Table 9. GPIO and EBI data pad output buffer electrical characteristics (SR
pads)1
Symbol Parameter
Conditions2
Value3
Unit
Min
Typ
Max
IOH
GPIO pad output high
current
VOH = 0.8 * VDDEx
4.5 V < VDDEx < 5.5 V
PCR[SRC] = 11b or 01b
25
—
—
mA
PCR[SRC] = 10b or 00b
15
—
—
VOH = 0.8 * VDDEx
3.0 V < VDDEx < 3.6 V
PCR[SRC] = 11b or 01b
13
—
—
PCR[SRC] = 10b or 00b
8
—
—
IOL
GPIO pad output low
current
VOL = 0.2 * VDDEx
4.5 V < VDDEx < 5.5 V
PCR[SRC] = 11b or 01b
48
—
—
mA
PCR[SRC] = 10b or 00b
22
—
—
VOL = 0.2 * VDDEx
3.0 V < VDDEx < 3.6 V
PCR[SRC] = 11b or 01b
17
—
—
PCR[SRC] = 10b or 00b
10.5
—
—
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
16
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com