Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 72Page - NXP Semiconductors MPC5777C Datasheet HTML 73Page - NXP Semiconductors MPC5777C Datasheet HTML 74Page - NXP Semiconductors MPC5777C Datasheet HTML 75Page - NXP Semiconductors MPC5777C Datasheet HTML 76Page - NXP Semiconductors MPC5777C Datasheet HTML 77Page - NXP Semiconductors MPC5777C Datasheet HTML 78Page - NXP Semiconductors MPC5777C Datasheet HTML 79Page - NXP Semiconductors MPC5777C Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
3.13.9.1.4 DSPI Master Mode – Output Only
Table 46. DSPI LVDS master timing — output only — timed serial bus mode
TSB = 1 or ITSB = 1, CPOL = 0 or 1, continuous SCK clock1, 2
#
Symbol
Characteristic
Condition3
Value4
Unit
Pad drive5
Load (CL)
Min
Max
1
tSCK
SCK cycle time
LVDS
15 pF to 50 pF
differential
25
—
ns
2
tCSV
PCS valid after SCK6
(SCK with 50 pF
differential load cap.)
PCR[SRC]=11b
25 pF
—
8
ns
PCR[SRC]=10b
50 pF
—
12
ns
3
tCSH
PCS hold after SCK6
(SCK with 50 pF
differential load cap.)
PCR[SRC]=11b
0 pF
–4.0
—
ns
PCR[SRC]=10b
0 pF
–4.0
—
ns
4
tSDC
SCK duty cycle (SCK
with 50 pF differential
load cap.)
LVDS
15 pF to 50 pF
differential
1/2tSCK – 2
1/2tSCK + 2
ns
SOUT data valid time (after SCK edge)
5
tSUO
SOUT data valid time
from SCK7
LVDS
15 pF to 50 pF
differential
—
6
ns
SOUT data hold time (after SCK edge)
6
tHO
SOUT data hold time
after SCK7
LVDS
15 pF to 50 pF
differential
–7.0
—
ns
1. All DSPI timing specifications apply to pins when using LVDS pads for SCK and SOUT and CMOS pad for PCS with pad
driver strength as defined. Timing may degrade for weaker output drivers.
2. TSB = 1 or ITSB = 1 automatically selects MTFE = 1 and CPHA = 1.
3. When a characteristic involves two signals, the pad drive and load conditions apply to each signal's pad, unless specified
otherwise.
4. All timing values for output signals in this table are measured to 50% of the output voltage.
5. Pad drive is defined as the PCR[SRC] field setting in the SIU. Timing is guaranteed to same drive capabilities for all
signals; mixing of pad drives may reduce operating speeds and may cause incorrect operation.
6. With TSB mode or Continuous SCK clock mode selected, PCS and SCK are driven by the same edge of DSPI_CLKn. This
timing value is due to pad delays and signal propagation delays.
7. SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.
Table 47. DSPI CMOS master timing – output only – timed serial bus mode
TSB = 1 or ITSB = 1, CPOL = 0 or 1, continuous SCK clock 1, 2
#
Symbol
Characteristic
Condition3
Value4
Unit
Pad drive5
Load (CL)
Min
Max
1
tSCK
SCK cycle time
PCR[SRC]=11b
25 pF
33.0
—
ns
PCR[SRC]=10b
50 pF
80.0
—
ns
PCR[SRC]=01b
50 pF
200.0
—
ns
2
tCSV
PCS valid after SCK6
PCR[SRC]=11b
25 pF
7
—
ns
PCR[SRC]=10b
50 pF
8
—
ns
PCR[SRC]=01b
50 pF
18
—
ns
PCS: PCR[SRC]=01b
SCK: PCR[SRC]=10b
50 pF
45
—
ns
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
76
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com