Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 9Page - NXP Semiconductors MPC5777C Datasheet HTML 10Page - NXP Semiconductors MPC5777C Datasheet HTML 11Page - NXP Semiconductors MPC5777C Datasheet HTML 12Page - NXP Semiconductors MPC5777C Datasheet HTML 13Page - NXP Semiconductors MPC5777C Datasheet HTML 14Page - NXP Semiconductors MPC5777C Datasheet HTML 15Page - NXP Semiconductors MPC5777C Datasheet HTML 16Page - NXP Semiconductors MPC5777C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Table 4. DC electrical specifications (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
ISTBY
Standby RAM supply current
1.08 V, TJ = 150°C
—
—
1140
μA
1.25 V to 5.5 V, TJ = 150°C
1170
1.25 V to 5.5 V, TJ = 85°C
360
1.25 V to 5.5 V, TJ = 40°C
—
—
120
IDD_PWR
Operating current on the VDDPWR supply
—
—
—
50
mA
IBG_REF
Bandgap reference current consumption3
—
—
600
μA
ITRNG
True Random Number Generator current
—
—
—
2.1
mA
1. IDD measured on an application-specific pattern with all cores enabled at full frequency, TJ = 40°C to 150°C. Flash memory
program/erase current on the VDD supply not included.
2. This value is considering the use of the internal core regulator with the simulation of an external transistor with the
minimum value of hFE of 60.
3. This bandgap reference is for EQADC calibration and Temperature Sensors.
3.6 I/O pad specifications
The following table describes the different pad types on the chip.
Table 5. I/O pad specification descriptions
Pad type
Description
General-purpose I/O
pads
General-purpose I/O and EBI data bus pads with four selectable output slew rate settings; also
called SR pads
EBI pads
Provide necessary speed for fast external memory interfaces on the EBI CLKOUT, address, and
control signals; also called FC pads
LVDS pads
Low Voltage Differential Signal interface pads
Input-only pads
Low-input-leakage pads that are associated with the ADC channels
NOTE
Each I/O pin on the device supports specific drive
configurations. See the signal description table in the device
reference manual for the available drive configurations for each
I/O pin.
NOTE
Throughout the I/O pad specifications, the symbol VDDEx
represents all VDDEx and VDDEHx segments.
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com