Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 17Page - NXP Semiconductors MPC5777C Datasheet HTML 18Page - NXP Semiconductors MPC5777C Datasheet HTML 19Page - NXP Semiconductors MPC5777C Datasheet HTML 20Page - NXP Semiconductors MPC5777C Datasheet HTML 21Page - NXP Semiconductors MPC5777C Datasheet HTML 22Page - NXP Semiconductors MPC5777C Datasheet HTML 23Page - NXP Semiconductors MPC5777C Datasheet HTML 24Page - NXP Semiconductors MPC5777C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
4. Noise on the VDD supply with frequency content below 40 kHz and above 50 MHz is filtered by the PLL. Noise on the VDD
supply with frequency content in the range of 40 kHz – 50 MHz must be filtered externally to the device.
Table 13. PLL1 electrical characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
fPLL1IN
PLL1 input clock1
—
38
—
78
MHz
ΔPLL1IN
PLL1 input clock duty cycle1
—
35
—
65
%
fPLL1VCO
PLL1 VCO frequency
—
600
—
1250
MHz
fPLL1PHI
PLL1 output clock PHI
—
4.762
—
264/3002
MHz
tPLL1LOCK
PLL1 lock time
—
—
—
100
μs
|ΔPLL1PHISPJ|
PLL1_PHI single period peak-to-
peak jitter
fPLL1PHI = 200 MHz, 6-
sigma
—
—
5003
ps
fPLL1MOD
PLL1 modulation frequency
—
—
—
250
kHz
|δPLL1MOD|
PLL1 modulation depth (when
enabled)
Center spread
0.25
—
2
%
Down spread
0.5
—
4
%
IPLL1
PLL1 consumption
FINE LOCK state
—
—
6
mA
1. PLL1IN clock retrieved directly from either internal PLL0 or external XOSC clock. Input characteristics are granted when
using internal PLL0 or external oscillator in functional mode.
2. 264 MHz applies to the MPC5777C part number with 264 MHz max operating frequency. 300 MHz applies to the version
with 300 MHz operating frequency
3. Noise on the VDD supply with frequency content below 40 kHz and above 50 MHz is filtered by the PLL. Noise on the VDD
supply with frequency content in the range of 40 kHz – 50 MHz must be filtered externally to the device.
3.7.2 Oscillator electrical specifications
NOTE
All oscillator specifications in Table 14 are valid for VDDEH6 =
3.0 V to 5.5 V.
Table 14. External oscillator (XOSC) electrical specifications
Symbol
Parameter
Conditions
Value
Unit
Min
Max
fXTAL
Crystal frequency range
—
8
40
MHz
tcst
Crystal start-up time1, 2
TJ = 150 °C
—
5
ms
trec
Crystal recovery time3
—
—
0.5
ms
VIHEXT
EXTAL input high voltage (external reference) VREF = 0.28 * VDDEH6
VREF + 0.6
—
V
VILEXT
EXTAL input low voltage (external reference)
VREF = 0.28 * VDDEH6
—
VREF – 0.6
V
CS_EXTAL
Total on-chip stray capacitance on EXTAL pin4 416-ball MAPBGA
2.3
3.0
pF
516-ball MAPBGA
2.1
2.8
CS_XTAL
Total on-chip stray capacitance on XTAL pin4
416-ball MAPBGA
2.3
3.0
pF
516-ball MAPBGA
2.2
2.9
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com