Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 32Page - NXP Semiconductors MPC5777C Datasheet HTML 33Page - NXP Semiconductors MPC5777C Datasheet HTML 34Page - NXP Semiconductors MPC5777C Datasheet HTML 35Page - NXP Semiconductors MPC5777C Datasheet HTML 36Page - NXP Semiconductors MPC5777C Datasheet HTML 37Page - NXP Semiconductors MPC5777C Datasheet HTML 38Page - NXP Semiconductors MPC5777C Datasheet HTML 39Page - NXP Semiconductors MPC5777C Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
H
lfast_pwr_down
L
Differential
Data Lines
TX
pad_p/pad_n
Data Valid
tPD2NM_TX
Figure 9. Power-down exit time
Differential
Data Lines
TX
pad_p/pad_n
VIH
VIL
10%
tTR
90%
tTR
Figure 10. Rise/fall time
3.10.2 LFAST and MSC/DSPI LVDS interface electrical characteristics
The following table contains the electrical characteristics for the LFAST interface.
Table 20. LVDS pad startup and receiver electrical characteristics1
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
STARTUP2,3
tSTRT_BIAS
Bias current reference startup time4
—
—
0.5
4
μs
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
36
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com