Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 22Page - NXP Semiconductors MPC5777C Datasheet HTML 23Page - NXP Semiconductors MPC5777C Datasheet HTML 24Page - NXP Semiconductors MPC5777C Datasheet HTML 25Page - NXP Semiconductors MPC5777C Datasheet HTML 26Page - NXP Semiconductors MPC5777C Datasheet HTML 27Page - NXP Semiconductors MPC5777C Datasheet HTML 28Page - NXP Semiconductors MPC5777C Datasheet HTML 29Page - NXP Semiconductors MPC5777C Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
Table 18. SDADC electrical specifications (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
GAIN
ADC gain
Defined through
SDADC_MCR[PGAN]. Only integer
powers of 2 are valid gain values.
1
—
16
—
|δGAIN|
Absolute value of the
ADC gain error6, 7
Before calibration (applies to gain
setting = 1)
—
—
1.5
%
After calibration
ΔVRH_SD < 5%, ΔVDDA_SD < 10%
ΔTJ < 50 °C
—
—
5
mV
After calibration
ΔVRH_SD < 5%, ΔVDDA_SD < 10%
ΔTJ < 100 °C
—
—
7.5
After calibration
ΔVRH_SD < 5%, ΔVDDA_SD < 10%
ΔTJ < 150 °C
—
—
10
VOFFSET
Conversion offset6, 7
Before calibration (applies to all gain
settings: 1, 2, 4, 8, 16)
—
10*(1+1/
gain)
20
mV
After calibration
ΔVDDA_SD < 10%
ΔTJ < 50 °C
—
—
5
After calibration
ΔVDDA_SD < 10%
ΔTJ < 100 °C
—
—
7.5
After calibration
ΔVDDA_SD < 10%
ΔTJ < 150 °C
—
—
10
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
26
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com