Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 35Page - NXP Semiconductors MPC5777C Datasheet HTML 36Page - NXP Semiconductors MPC5777C Datasheet HTML 37Page - NXP Semiconductors MPC5777C Datasheet HTML 38Page - NXP Semiconductors MPC5777C Datasheet HTML 39Page - NXP Semiconductors MPC5777C Datasheet HTML 40Page - NXP Semiconductors MPC5777C Datasheet HTML 41Page - NXP Semiconductors MPC5777C Datasheet HTML 42Page - NXP Semiconductors MPC5777C Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
100Ω
terminator
GPIO Driver
LVDS Driver
GPIO Driver
CL
bond pad
1pF
2.5pF
Die
Package
PCB
CL
bond pad
1pF
2.5pF
Figure 11. LVDS pad external load diagram
3.10.3 LFAST PLL electrical characteristics
The following table contains the electrical characteristics for the LFAST PLL.
Table 23. LFAST PLL electrical characteristics1
Symbol
Parameter
Conditions
Value
Unit
Min
Nominal
Max
fRF_REF PLL reference clock frequency
—
10
—
26
MHz
ERRREF PLL reference clock frequency error
—
–1
—
1
%
DCREF PLL reference clock duty cycle
—
45
—
55
%
PN
Integrated phase noise (single side band) fRF_REF = 20 MHz
—
—
–58
dBc
fRF_REF = 10 MHz
—
—
–64
fVCO
PLL VCO frequency
—
—
4802
—
MHz
tLOCK
PLL phase lock3
—
—
—
40
μs
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com