Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 45Page - NXP Semiconductors MPC5777C Datasheet HTML 46Page - NXP Semiconductors MPC5777C Datasheet HTML 47Page - NXP Semiconductors MPC5777C Datasheet HTML 48Page - NXP Semiconductors MPC5777C Datasheet HTML 49Page - NXP Semiconductors MPC5777C Datasheet HTML 50Page - NXP Semiconductors MPC5777C Datasheet HTML 51Page - NXP Semiconductors MPC5777C Datasheet HTML 52Page - NXP Semiconductors MPC5777C Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
3.12.2 Flash memory Array Integrity and Margin Read specifications
Table 31. Flash memory Array Integrity and Margin Read specifications
Symbol
Characteristic
Min
Typical
Max1
Units
2
tai16kseq
Array Integrity time for sequential sequence on 16 KB block.
—
—
512 x
Tperiod x
Nread
—
tai32kseq
Array Integrity time for sequential sequence on 32 KB block.
—
—
1024 x
Tperiod x
Nread
—
tai64kseq
Array Integrity time for sequential sequence on 64 KB block.
—
—
2048 x
Tperiod x
Nread
—
tai256kseq
Array Integrity time for sequential sequence on 256 KB block.
—
—
8192 x
Tperiod x
Nread
—
tmr16kseq
Margin Read time for sequential sequence on 16 KB block.
73.81
—
110.7
μs
tmr32kseq
Margin Read time for sequential sequence on 32 KB block.
128.43
—
192.6
μs
tmr64kseq
Margin Read time for sequential sequence on 64 KB block.
237.65
—
356.5
μs
tmr256kseq
Margin Read time for sequential sequence on 256 KB block.
893.01
—
1,339.5
μs
1. Array Integrity times need to be calculated and is dependent on system frequency and number of clocks per read. The
equation presented require Tperiod (which is the unit accurate period, thus for 200 MHz, Tperiod would equal 5e-9) and
Nread (which is the number of clocks required for read, including pipeline contribution. Thus for a read setup that requires
6 clocks to read with no pipeline, Nread would equal 6. For a read setup that requires 6 clocks to read, and has the
address pipeline set to 2, Nread would equal 4 (or 6 - 2).)
2. The units for Array Integrity are determined by the period of the system clock. If unit accurate period is used in the
equation, the results of the equation are also unit accurate.
3.12.3 Flash memory module life specifications
Table 32. Flash memory module life specifications
Symbol
Characteristic
Conditions
Min
Typical
Units
Array P/E
cycles
Number of program/erase cycles per block
for 16 KB, 32 KB and 64 KB blocks.1
—
250,000
—
P/E
cycles
Number of program/erase cycles per block
for 256 KB blocks.2
—
1,000
250,000
P/E
cycles
Data
retention
Minimum data retention.
Blocks with 0 - 1,000 P/E
cycles.
50
—
Years
Blocks with 100,000 P/E
cycles.
20
—
Years
Blocks with 250,000 P/E
cycles.
10
—
Years
1. Program and erase supported across standard temperature specs.
2. Program and erase supported across standard temperature specs.
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com