Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 42Page - NXP Semiconductors MPC5777C Datasheet HTML 43Page - NXP Semiconductors MPC5777C Datasheet HTML 44Page - NXP Semiconductors MPC5777C Datasheet HTML 45Page - NXP Semiconductors MPC5777C Datasheet HTML 46Page - NXP Semiconductors MPC5777C Datasheet HTML 47Page - NXP Semiconductors MPC5777C Datasheet HTML 48Page - NXP Semiconductors MPC5777C Datasheet HTML 49Page - NXP Semiconductors MPC5777C Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Table 29. Voltage monitor electrical characteristics1, 2 (continued)
Symbol
Parameter
Conditions
Configuration
Value
Unit
Trim
bits
Mask
Opt.
Pow.
Up
Min
Typ
Max
POR_HV
HV VDDPMC supply power
on reset threshold
Rising voltage (powerup)
N/A
No
Enab. 2444 2600 2756
mV
Falling voltage (power
down)
2424 2580 2736
LVD_HV
HV internal VDDPMC supply
low voltage monitoring
Rising voltage (untrimmed)
4bit
No
Enab. 2935 3023 3112
mV
Falling voltage (untrimmed)
2922 3010 3099
Rising voltage (trimmed)
2946 3010 3066
Falling voltage (trimmed)
2934 2998 3044
HVD_HV
HV internal VDDPMC supply
high voltage monitoring
Rising voltage
4bit
Yes Disab. 5696 5860 5968
mV
Falling voltage
5666 5830 5938
LVD_FLASH
FLASH supply low voltage
monitoring6
Rising voltage (untrimmed)
4bit
No
Enab. 2935 3023 3112
mV
Falling voltage (untrimmed)
2922 3010 3099
Rising voltage (trimmed)
2956 3010 3053
Falling voltage (trimmed)
2944 2998 3041
HVD_FLASH
FLASH supply high
voltage monitoring6
Rising voltage
4bit
Yes Disab. 3456 3530 3584
mV
Falling voltage
3426 3500 3554
LVD_IO
Main I/O VDDEH1 supply
low voltage monitoring
Rising voltage (untrimmed)
4bit
No
Enab. 3250 3350 3488
mV
Falling voltage (untrimmed)
3220 3320 3458
Rising voltage (trimmed)
3347 3420 3468
Falling voltage (trimmed)
3317 3390 3438
tVDASSERT
Voltage detector threshold
crossing assertion
—
—
—
—
0.1
—
2.0
μs
tVDRELEASE
Voltage detector threshold
crossing de-assertion
—
—
—
—
5
—
20
μs
1. LVD is released after tVDRELEASE temporization when upper threshold is crossed; LVD is asserted tVDASSERT after detection
when lower threshold is crossed.
2. HVD is released after tVDRELEASE temporization when lower threshold is crossed; HVD is asserted tVDASSERT after
detection when upper threshold is crossed.
3. POR098_c threshold is an untrimmed value, before the completion of the power-up sequence. All other LVD/HVD
thresholds are provided after trimming.
4. LV internal supply levels are measured on device internal supply grid after internal voltage drop.
5. LV external supply levels are measured on the die side of the package bond wire after package voltage drop.
6. VDDFLA range is guaranteed when internal flash memory regulator is used.
3.11.4 Power sequencing requirements
Requirements for power sequencing include the following.
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com