Electronic Components Datasheet Search
  English  ▼

X  

MPC5777C Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MPC5777C
Description  MPC5777C Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5777C Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MPC5777C Datasheet HTML 62Page - NXP Semiconductors MPC5777C Datasheet HTML 63Page - NXP Semiconductors MPC5777C Datasheet HTML 64Page - NXP Semiconductors MPC5777C Datasheet HTML 65Page - NXP Semiconductors MPC5777C Datasheet HTML 66Page - NXP Semiconductors MPC5777C Datasheet HTML 67Page - NXP Semiconductors MPC5777C Datasheet HTML 68Page - NXP Semiconductors MPC5777C Datasheet HTML 69Page - NXP Semiconductors MPC5777C Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
3.13.9 DSPI timing with CMOS and LVDS pads
NOTE
The DSPI in TSB mode with LVDS pads can be used to
implement the Micro Second Channel (MSC) bus protocol.
DSPI channel frequency support is shown in Table 42. Timing specifications are shown
in Table 43, Table 44, Table 45, Table 46, and Table 47.
Table 42. DSPI channel frequency support
DSPI use mode
Max usable frequency (MHz)1, 2
CMOS (Master mode)
Full duplex – Classic timing (Table 43)
17
Full duplex – Modified timing (Table 44)
30
Output only mode (SCK/SOUT/PCS) (Table 43 and Table 44)
30
Output only mode TSB mode (SCK/SOUT/PCS) (Table 47)
30
LVDS (Master mode)
Full duplex – Modified timing (Table 45)
30
Output only mode TSB mode (SCK/SOUT/PCS) (Table 46)
40
1. Maximum usable frequency can be achieved if used with fastest configuration of the highest drive pads.
2. Maximum usable frequency does not take into account external device propagation delay.
3.13.9.1 DSPI master mode full duplex timing with CMOS and LVDS pads
3.13.9.1.1 DSPI CMOS Master Mode — Classic Timing
Table 43. DSPI CMOS master classic timing (full duplex and output only) –
MTFE = 0, CPHA = 0 or 11
#
Symbol
Characteristic
Condition2
Value3
Unit
Pad drive4
Load (CL)
Min
Max
1
tSCK
SCK cycle time
PCR[SRC]=11b
25 pF
33.0
—
ns
PCR[SRC]=10b
50 pF
80.0
—
PCR[SRC]=01b
50 pF
200.0
—
2
tCSC
PCS to SCK delay
PCR[SRC]=11b
25 pF
(N5 × tSYS, 6) – 16
—
ns
PCR[SRC]=10b
50 pF
(N5 × tSYS, 6) – 16
—
PCR[SRC]=01b
50 pF
(N5 × tSYS, 6) – 18
—
PCS: PCR[SRC]=01b
SCK: PCR[SRC]=10b
50 pF
(N5 × tSYS, 6) – 45
—
Table continues on the next page...
Electrical characteristics
MPC5777C Microcontroller Data Sheet Data Sheet, Rev. 14, 01/2020.
66
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com