Electronic Components Datasheet Search
  English  ▼

X  

MSC8101 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 28Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
25
QCPM2
Switched External Clocks For Timers 3,4
Date Added: 8/31/2000
Description: Internal connectivity between TIN3 and TIN4 is switched.
Workaround: To work with external clock for timer3 use TIN4, and to work with timer4 us TIN
4. Please note that for timer4 using external clock (TIN3) and TOUT4 is impossible.
System Number: 6219
Fix Plan: Rev0.1
0K40A
CPM117
False Address Compression
Date Added: 11/05/2004
Description: If there are active AAL0 channels and a CRC-10 error has been received, VP-level
address compression might have false results, which could lead to one of the following:
•
Wrong calculation of a VP pointer address
•
Cells might be falsely discarded as misinserted cells
•
Misidentification of misinserted cells (in CUAB mode) This is a statistical error, which is
conditional on the reception of AAL0 cells with a CRC-10 error. The probability of false
address compression is directly correlated with higher CPM bit rate and longer system bus
latency.
While the false address compression is possible only if there are active AAL0 channels, it may
have an impact on all AAL types. However, it cannot occur unless AAL0 cells with CRC-10 error
have been received beforehand.
Workaround: Use the microcode patch supplied by Freescale.
System Number: 17129
0K40A
CPM118
Aborted HDLC Frame Followed by a Good Frame
Date Added: 7/11/2004
Description: When an aborted HDLC frame is followed by a good frame, the receive data buffer
may contain the data of the aborted frame followed by the data of the good frame.
Workaround: Use the microcode patch provided by Freescale.
System Number: 15906
Fix Plan:
0K40A
CPM119
Ethernet Collision Occurs on the Line 125 Clocks after TX_EN Assertion
Date Added: 7/11/2004
Description: When an ethernet collision occurs on the line 125 clocks after TX_EN assertion,
late collision will be reported even though this is only 63 bytes into the frame instead of 64. When
a collision occurs 124 cycles after TX_EN assertion, no event is reported, the TxBD is not closed,
and transmission halts. Retransmission behavior is correct for collisions occurring between asser-
tion of TX_EN and 123 clocks.
Workaround: Use the microcode patch provided by Freescale.
System Number: 15908
Fix Plan:
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com