Electronic Components Datasheet Search
  English  ▼

X  

MSC8101 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
11
CPM5
Data Corruption on SDMA Flyby
Date Added: 5/30/2000
Description: The data of an SDMA write, which follows a SDMA flyby read in the local bus
may be corrupted.
Workaround: None
System Number: 1720
Fix Plan: Rev A
0K40A
CPM6
Erroneous Report of Overrun on FCC
Date Added: 5/30/2000
Description: Spurious overrun indications on the FCC may occur in the following cases:
1.
After a stop transmit command is issued.
2.
Following a CTS lost condition.
3.
Late collision under ethernet.
Workaround: None
System Number: 1746
Fix Plan: Rev A
0K40A
CPM7
Erroneous Report of Overrun With Fast Ethernet
Date Added: 5/30/2000
Description: If the CRS (carrier sense) signal is negated while fast ethernet frame is transmitted,
an overrun error may occur and the FCC may have to be reset.
Workaround: None
System Number: 1752
Fix Plan: Rev A
0K40A
CPM8
Error on Transmit On Demand Register
Date Added: 5/30/2000
Description: The TODR mechanism may freeze serial channels.
Workaround: Do not use TODR.
System Number: 2484
Fix Plan: Rev A
0K40A
CPM9
Erroneous Reception of ATM Cell
Date Added: 5/30/2000
Description: Under certain conditions, an ATM receiver may receive cells of PHYs which were
not addressed for it. Details of the condition:
•
ATM receiver in UTOPIA slave mode.
•
FIFO full condition occurred (this happens only when the transmitter vio-
lates the UTOPIA standard requirements: transmits data without CLAV).
•
Transmitter changed selected PHY number.
•
FIFO full condition ended (CPM read some data from FIFO).
Workaround: Use different VPI/VCI for different PHYs or expect the cells to be discarded by
higher-level protocol software.
System Number: 2493
Fix Plan: Rev A
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com