Electronic Components Datasheet Search
  English  ▼

X  

MSC8101 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
16
Freescale Semiconductor
CPM40
Corruption in AAL0 IDLE Cell
Date Added: 5/30/2000
There is a rare case when transmitting an ATM idle cell that the idle cell may be
corrupted. This can occur in certain internal sequences of events that cannot be controlled
or detected by the user.
Place the Idle Base template at address 64 byte align minus 4. For example use
Idle_BASE = 0x2cfc not 0x2d00.
4648b
Rev A
0K40A
CPM41
Limitation in ATM Controller
Date Added: 5/30/2000
There are some limitations in the ATM controller. The first limitation is that only the
first 8 PM tables can be used instead of 64. When using these 8 tables, the user must clear
the 5 most significant bits of TBD_BASE (in case of Tx PM) or RBD_BASE (in case of
Rx PM). The second limitation is that only the first 2048 ATM channel numbers can be
used.
There is a microcode patch that can fix the PM limitation. The ATM channel number
limitation has no workaround.
4744
Rev A
0K40A
CPM42
Data Corruption in MCC
Date Added: 5/30/2000
Description: Data corruption may occur in the receive buffers of MCC channels when more then
one TDM slot uses 7 bits of contiguous data.
Workaround: It is possible to avoid this problem by splitting the 7 bits slots between two SI ram
entries such that one entry will represent 4 bits of the slot and the other SI entry will represent 3
bits of the slot. The errata occurs only when all the 7 bits are represented by one entry in the SI
ram.
System Number: 4743
Fix Plan: Rev A
0K40A
CPM43
TxCLAV Ignored By UTOPIA in Single PHY Mode
Date Added: 5/30/2000
Description: When the FCC transmitter is configured to work in UTOPIA single PHY master
mode, it ignores negation of the TxCLAV signal. Therefore, the UTOPIA slave cannot control the
flow of cells by negating TxCLAV. Note that this bug affects Rev A.1 chips only.
Workaround: Configure the FCC to work in multi-master mode but limit the number of PHYs
to 1 by programming: FPSMR[LAST PHY] = 5’b0
System Number: 4882
Fix Plan: Rev A
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com