Electronic Components Datasheet Search
  English  ▼

X  

MSC8101 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MSC8101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
8
Freescale Semiconductor
GEN1
Device Withstands MM ESD of 75V Instead of 100V
Date Added: 5/21/2002
Description: Device meets the ESD specifications for Human Body Model (HBM) of 1000V and
Charged Device Model (CDM) of 500V but does not withstand the Machine Model (MM) re-
quirement of 100V. All pins guaranteed to withstand 75V MM.
Workaround: None.
Fix Plan: RevA
0K40A
GEN2
Unexpected Outputs During Boundary Scan
Date Added: 10/18/2002
Description: D[32:60] outputs may behave indeterminately during boundary scan.
Workaround: Reset the device by asserting PORESET while HPE/EE1=0. Alternatively, assert
PORESET throughout boundary scan.
Fix Plan: RevA
0K40A
SC1
PC Cannot Be Updated in Debug Mode Entered From Asynchronous Interrupt
Date Added: 10/5/2000
Description: When a DEBUG instruction is executed in a static or dynamic delay slot created by
an asynchronous interrupt, the core enters Debug mode, but the PC cannot be updated.
Workaround: In the dynamic case, the debugger can use a status bit in the ESR, which indicates
whether the core entered a debug in a delay slot. Software workarounds are available for all the
static cases. A detailed description was sent by StarCore and can be resent upon request.
Fix Plan: RevA
0K40A
SC3
Erroneous Trace Buffer Value
Date Added: 10/5/2000
Description: An erroneous 62-bit value may be written to the trace buffer when the EOnCE is
programmed to write both event counters (ECNT_VAL and ECNT_EXT).
Workaround: None.
Fix Plan: RevA
0K40A
SC4
SC140 May Hang After Write To PCTL0 Register.
Date Added: 2/19/2002
Description: Write to PCTL0 immediately freezes the core for 150-900 cycles. If the system is
busy (e.g. pre-fetch transactions), the core may not exit the freeze state.
Workaround:
Option A:
1.
Make sure the EFCOP is not working.
2.
Make sure the local bus to L1 memory is not working.
3.
The program that writes to PCTL0 is in internal memory.
4.
Write to PCTL0 immediately after reset before any external data accesses.
Option B: Do not write to PCTL0.
System Number: 7560
Fix Plan: TBD
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com