Electronic Components Datasheet Search
  English  ▼

X  

MSC8101 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MSC8101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
5
QSIU9
PowerPC Bus Speed Limited to 50MHz
Date Added: 10/5/2000:
Description: The PPC Bus and Local Bus are limited to 50 MHz operation.
Workaround: None. With Rev0 silicon, it is recommended to use 1:2.5:5 clock ratio
(Bus:CPM:Core) which will yield 125 MHz CPM and 250 MHz core when the bus clock frequen-
cy is set to 50 MHz.
System Number: 6355
Rev 0.1
0K40A
QSIU10
Spurious TEA Following Consecutive DPRAM, Register File Accesses
Date Added: 1/28/2001
Description: An access to the DPRAM followed immediately by a write to the SIU register file
may result in a spurious TEA. The write to the SIU register file is successful despite the TEA.
Workaround: None.
System Number: 6908
Fix Plan: Rev 0.1
0K40A
QSIU11
Loss of Data Integrity Caused By Excessive PLL Jitter
Date Added: 1/28/2001
Description: Excessive PLL jitter may cause loss of data integrity for accesses that cross the
Extended Core/Bus clock domain boundary in certain MODCK configurations.
Minimize PLL power supply noise and use clock configurations that result in input
clocks to both PLLs in the range of 20MHz-25MHz. For example, MODCK #40,
BUS:CPM:CORE = 1:2.5:5, with a 20MHz CLKIN which results in Bus = 48MHz, CPM
= 120MHz, Core = 240MHz.
System Number: 6915
Fix Plan: Rev 0.1
0K40A
QSIU13
Software Watchdog Cannot be Enabled after Boot from Host
Date Added: 8/5/2001
Description: The software watchdog is disabled when booting from host. It cannot be subse-
quently enabled because the SYPCR can only be written once.
Workaround: None
Fix Plan: Rev A
0K40A
QSIU15
60x Compatible Global Transaction Fail on RETRY
Date Added: 5/30/2000, modified 10/15/2002
Description: Data may be lost on RETRY when global transactions are performed in 60x com-
patible mode.
Workaround: When global transactions are used, 60x compatible mode cannot be used.
System Number: 5678
Fix Plan: RevA
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com