Electronic Components Datasheet Search
  English  ▼

X  

MSC8101 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MSC8101
Description  Silicon Errata for the MSC8101 Processor, Mask 0K40A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MSC8101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5
Freescale Semiconductor
3
SIU16
Bus Busy Disable Mode Can Hang 60X Bus in Multi-Master Systems
Date Added: 5/21/2002
Description: The bus busy disable mode (SIUMCR[BBD=1]) can not be used if the MSC8101
is not the only master on the 60X bus. Using this mode in such a system can cause the 60X bus to
hang.
Workaround:
1.
If the external master supports the ABB signal, do not use the bus busy disable
mode and connect this signal to the MSC8101. The DBB signal can either be con-
nected or can be pulled up.
2.
If the external master does not support the ABB signal do one of the following:
a. Do not use the bus busy disable mode and generate the ABB signal
externally. The DBB signal can either be connected or can be pulled up.
The following external ABB implementation should be sufficient to work
around the problem: Assert the ABB signal whenever a qualified bus
grant for the external master is sampled (Bus grant asserted while
ARTRY and ABB are negated). Negate the ABB signal when there is no
qualified bus grant. The negation of ABB should be as follows: Drive
ABB to VDD for half a clock cycle and then stop driving it (HIGH-Z).
b. If using the internal arbiter and up to two external masters, connect the
external bus grants (through an AND gate if more than one) to an
available external bus request and define the priority for that request to
be the highest in the PPC_ALRH register. The DBB signal can either be
connected or can be pulled up.
Fix Plan: TBD
0K40A
SIU18
ARTRY Assertion When Using Pipeline Depth of Zero
Date Added: 10/15/2002
Description: Internal (60x) slave maintains a pipeline depth of zero by asserting AACK only af-
ter TA. When ARTRY is asserted the 60x bus access will be terminated and TA will not be as-
serted. Therefore the Internal (60x) slave will not assert AACK since TA was not asserted.
Workaround: Use a pipeline depth of one (BCR[PLDP]=0) for applications that require memory
coherency.
Fix Plan: TBD
0K40A
SIU19
Bus Monitor Timeout When Using External Slave
Date Added: 10/15/2002
Description: When using an external 60x bus slave with the bus monitor activated, PSDVAL is
not asserted when the external slave is accessed, which could cause the bus monitor to time-out
and TEA to be asserted.
Workaround: The following workarounds
1.
Use pipeline depth of zero (BCR[PLDP]=1) when using an external 60x bus slave.
2.
Disable 60X bus monitor, SYPCR[PBME]=0.
3.
If the external 60x bus slave is another 810x or 826x device, connect the PSDVAL
signals together.
Fix Plan: TDB
0K40A
Table 2. Silicon Errata (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com