Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 107 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 107 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 103Page - WIZnet Co., Ltd W6100 Datasheet HTML 104Page - WIZnet Co., Ltd W6100 Datasheet HTML 105Page - WIZnet Co., Ltd W6100 Datasheet HTML 106Page - WIZnet Co., Ltd W6100 Datasheet HTML 107Page - WIZnet Co., Ltd W6100 Datasheet HTML 108Page - WIZnet Co., Ltd W6100 Datasheet HTML 109Page - WIZnet Co., Ltd W6100 Datasheet HTML 110Page - WIZnet Co., Ltd W6100 Datasheet HTML 111Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
107/149
/* check SOCKET for UDPD Mode */
if(Sn_SR != SOCK_UDP) goto START;
}
 Received DATA?
Refer to 6.2.1 TCP SERVER: Received DATA?
 Receiving Process
UDP dual mode SOCKET can receive UDP4 / UDP6 packets from one or more destinations, and
the received data packets are stored in SOCKET n RX buffer with 'PACKET INFO’. HOST can know
the IP version, transmission method, and destination information of received data packet from
the 'PACKET INFO’.
HOST must read data from SOCKET n RX buffer in the format of Figure 24. If the received data
is fragmented or bigger than SOCKET n RX buffer free size, it is discarded.
Refer to Figure 24 and Table 4
{
/* extract upper 2 bytes in PACKINFO */
goto 6.2.1 TCP SERVER: Receiving Process with get_size = 2 bytes;
data_size = (destination_address[0] & “00000111” << 8) + destination_address[1];
/*
check UDP4 or UDP6 DATA Packet, extract Destination IP, Port, Size in PACKE INFO
*/
if(destination_address[0] & “10000000” == 0) /* UDP4 DATA Packet */
{
goto 6.2.1 TCP SERVER: Receiving Process with get_size = 6 bytes;
dest_ip[0:3] = destination_address[0:3];
dest_port = (destination_address[4] << 8) + destination_address[5];
}
else /* UDP6 DATA Packet */
{
goto 6.2.1 TCP SERVER: Receiving Process with get_size = 18 bytes;
dest_ip[0:15] = destination_address[0:15];
dest_port = (destination_address[16] << 8) + destination_address[17];
}
/* read UDP DATA */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com