Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 108 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 108 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 104Page - WIZnet Co., Ltd W6100 Datasheet HTML 105Page - WIZnet Co., Ltd W6100 Datasheet HTML 106Page - WIZnet Co., Ltd W6100 Datasheet HTML 107Page - WIZnet Co., Ltd W6100 Datasheet HTML 108Page - WIZnet Co., Ltd W6100 Datasheet HTML 109Page - WIZnet Co., Ltd W6100 Datasheet HTML 110Page - WIZnet Co., Ltd W6100 Datasheet HTML 111Page - WIZnet Co., Ltd W6100 Datasheet HTML 112Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
108/149
goto 6.2.1 TCP SERVER : Receiving Process with get_size = data_size;
}
 Send DATA? / Sending Process
Refer to 6.3.1 UDP Unicast : Send Data? / Sending Process
 Complete sending? / Timeout?
Refer to 6.3.1 UDP Unicast: Complete Sending? / Timeout?
 Finished? / CLOSE
Refer to 6.3.1 UDP Unicast: Finished? / CLOSE
6.3.5 Other Functions
6.3.5.1
UDP Mode SOCKET Options
Before Sn_CR[OPEN] command, SOCKET option can be set by Sn_MR and Sn_MR2.
 Destination Hardware Address by Sn_DHAR : Sn_MR2[DHAM]= ‘1’
ARP/ND-process is skipped and Sn_DHAR is used as the destination hardware address.
 Destination Hardware Address by ARP : Sn_MR2[DHAM]= ‘0’
The destination hardware address of UDP data to be transmitted is used as the acquired
address from ARP/ND-process.
 Force ARP : Sn_MR2[FARP]= ‘1’
ARP/ND-process is performed whenever UDP DATA packet is transmitted by Sn_CR[SEND]
or Sn_CR[SEND4].
If Sn_MR2 [DHAM] is also set, ARP/ND-process is performed but the Sn_DHAR is used as
the destination hardware address.
 Auto ARP : Sn_MR2[FARP]= ‘0’
ARP/ND-process is performed when the first UDP data packet is transmitted or when the
destination is changed.
6.3.5.2
UDP Block
In UDP Mode, Unicast and Broadcast packets can be received. But Broadcast packets are
blocked if Sn_MR[BRDB] is set to ‘1’.
In UDP Multicast mode, Unicast, Broadcast and Multicast packets can be received. But if
Sn_MR[UNIB] or Sn_MR[BRDB] are set to ‘1’, Unicast or Broadcast packets are blocked
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com