Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 113 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 113 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 109Page - WIZnet Co., Ltd W6100 Datasheet HTML 110Page - WIZnet Co., Ltd W6100 Datasheet HTML 111Page - WIZnet Co., Ltd W6100 Datasheet HTML 112Page - WIZnet Co., Ltd W6100 Datasheet HTML 113Page - WIZnet Co., Ltd W6100 Datasheet HTML 114Page - WIZnet Co., Ltd W6100 Datasheet HTML 115Page - WIZnet Co., Ltd W6100 Datasheet HTML 116Page - WIZnet Co., Ltd W6100 Datasheet HTML 117Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
113/149
dest_ip[0:15] = destination_address[2:17];
/* read UDP DATA */
goto 6.2.1 TCP SERVER: Receiving Process with get_size = data_size;
}
 Sending DATA? / Sending Process
Data to send must not exceed SOCKET n TX buffer free size. If data size is larger than MSS,
HOST must split the lager data into multiple MSS units.
MSS of IPRAW6 mode cannot be larger than 1460, MSS of IPRAW mode cannot be larger than
1480.
IPRAW4 Mode :
{
/* set Destination IP Address, 192.168.0.11 */
Sn_DIPR[0:3] = {0xC0, 0xA8, 0x00, 0x0B};
goto 6.2.1 TCP SERVER: Sending Process;
}
IPRAW6 Mode :
{
/* set destination IP address, FE80::10D:FC:34A:EF90 */
Sn_DIP6R[0:15] = {0xFE, 0x80, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00
0x01, 0x0D, 0x00, 0xFC, 0x03, 0x4A, 0xEF, 0x90};
goto 6.2.1 TCP SERVER: Sending Process;
}
 Complete sending? / Timeout?
ARP/ND-process is performed before first DATA packet is sent to by Sn_CR[SEND] or
Sn_CR[SEND6] or before DATA packet is sent to different destination from the previous
destination.
In ARP/ND-process, Sn_IR[TIMEOUT] may occur and the corresponding DATA packet is discarded.
Since IPRAW4 or IPRAW6 supports 1:N communication like as UDP, SOCKET n doesn’t close even
if Sn_IR[TIMEOUT] occurs (Refer to 0
Retransmission).
{
/* check TIMEOUT Interrupt */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com