Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 114 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 114 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 110Page - WIZnet Co., Ltd W6100 Datasheet HTML 111Page - WIZnet Co., Ltd W6100 Datasheet HTML 112Page - WIZnet Co., Ltd W6100 Datasheet HTML 113Page - WIZnet Co., Ltd W6100 Datasheet HTML 114Page - WIZnet Co., Ltd W6100 Datasheet HTML 115Page - WIZnet Co., Ltd W6100 Datasheet HTML 116Page - WIZnet Co., Ltd W6100 Datasheet HTML 117Page - WIZnet Co., Ltd W6100 Datasheet HTML 118Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
114/149
if(Sn_IR[TIMEOUT] == ‘1’)
{
Sn_IR[TIMEOUT] = ‘1’;
/* clear TIMEOUT Interrupt */
goto Finished?;
}
}
 Finished? / CLOSE
In case that there is no more data to send, close SOCKET n by Sn_CR[CLOSE].
{
Sn_CR = CLOSE;
/* set CLOSE Command */
while(Sn_CR != 0x00);
/* wait until CLOSE Command is cleared*/
/* wait until SOCKET n is closed */
while(Sn_SR == SOCK_CLOSED);
}
6.4.1 Other Functions
6.4.1.1
IPRAW Mode SOCKET Options
In the process of opening SOCKER n as IPRAW4/IPRAW6 mode, SOCKET option is set via Sn_MR
and Sn_MR2.
 Destination Hardware Address by Sn_DHAR : Sn_MR2[DHAM]= ‘1’
ARP/ND-process is skipped and Sn_DHAR is used as the destination hardware address.
 Destination Hardware Address by ARP : Sn_MR2[DHAM]= ‘0’
The destination hardware address of IPRAW data to be transmitted is used as the acquired
address from ARP/ND-process.
 Force ARP : Sn_MR2[FARP]= ‘1’
ARP/ND-process is performed whenever IPRAW4 or IPRAW6 DATA is transmitted by
Sn_CR[SEND] or Sn_CR[SEND6].
 Auto ARP : Sn_MR2[FARP]= ‘0’
ARP/ND-process is performed when the first IPRAW data packet is transmitted or when
the destination is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com