Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 5 Page - Analog Devices

  LTC3370 Datasheet HTML 1Page - Analog Devices LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC3307A
5
Rev. A
For more information www.analog.com
Default Switching Frequency
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Switch On Resistance
Switch On Resistance
Switching Frequency
Default Switching Frequency
RT Switching Frequency
Feedback Voltage
Minimum On-Time
Minimum On-Time
TEMPERATURE (ºC)
–50 –25
0
25
50
75 100 125 150
495
496
497
498
499
500
501
502
503
504
505
3307A G01
150°C
25°C
–50°C
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
3307A G02
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
50
60
3307A G03
PMOS
NMOS
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
4
8
12
16
20
24
28
32
36
40
44
3307A G04
VIN = 3.3V
PMOS
NMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
5
10
15
20
25
30
35
40
3307A G05
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
3307A G06
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
3307A G07
RT (kΩ)
20 25 30 35 40 45 50 55 60 65 70 75
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3307A G08
RT = 34.8 kΩ
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
3307A G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com