Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTC3307A
15
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
In addition, ensure that the saturation current rating
(typically labeled ISAT) of the inductor is higher than the
maximum expected load current plus half the inductor
ripple current:
ISAT > ILOAD MAX
(
) +
1
2
ΔIL
(6)
where ILOAD(MAX) is the maximum output load current for
a given application and ΔIL is the inductor ripple current
calculated as:
ΔIL =
VOUT
L • fSW
• 1–
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
(7)
A more conservative choice would be to use an inductor
with an ISAT rating higher than the maximum current limit
of the LTC3307A.
To keep the efficiency high, choose an inductor with
the lowest series resistance (DCR). The core material
should be intended for high frequency applications.
Table 2 shows recommended inductors from several
manufacturers.
Table 2. Recommended Inductors with Typical Specifications
MANUFACTURER
INDUCTOR
FAMILY
INDUCTANCE (nH)
ITEMP (A)*
ISAT (A)
DCR (mΩ)
W × L × H (mm)
Murata
DFE18SAN-E0
240
3.2
4.2
36
1.6 × 0.8 × 0.8
Murata
DFE18SAN-G0
240
3.5
4.9
30
1.6 × 0.8 × 1.0
Murata
DFE201210S
110, 470
6.3, 4.0
11, 5.3
8, 27
2.0 × 1.2 × 1.0
Murata
DFE201610E
240 to 680
5.5 to 3.7
7.0 to 4.8
16 to 36
2.0 × 1.6 × 1.0
Murata
DFE201612E
240 to 680
6.0 to 4.1
7.8 to 4.8
13 to 27
2.0 × 1.6 × 1.2
Murata
DFE252010F
330 to 680
5.6 to 4.1
7.6 to 5.5
16 to 31
2.5 × 2.0 × 1.0
Murata
DFE252012F
330 to 680
6.0 to 4.6
8.5 to 6.0
14 to 25
2.5 × 2.0 × 1.2
Vishay
IHHP-0806AB-01
220 to 470
5.3 to 4.2
5.8 to 4.4
13 to 29
2.0 × 1.6 × 1.2
Vishay
IHHP-1008AB-01
220 to 680
7.4 to 3.8
7.1 to 4.1
8.4 to 28
2.5 × 2.0 × 1.2
XFRMS
XFHCL43LT
220 to 470
8.0 to 4.5
7.0 to 3.8
13 to 25 (max)
2.5 × 2.0 × 1.2
NIC
NPIM26LP
240 to 680
6.5 to 4.2
7.5 to 5.1
15 to 36
2.0 × 1.6 × 1.0
NIC
NPIM20LP
240 to 680
6.0 to 4.4
9.5 to 5.5
18 to 32
2.5 × 2.0 × 1.0
Sumida
201610CDMCC/DS
240, 470
5.2, 3.8
6.5, 4.2
19, 34
2.2 × 1.8 × 1.0
Sumida
252010CDMCC/DS
330 to 1000
5.2 to 3.2
6.8 to 3.8
16 to 46
2.7 × 2.2 × 1.0
Wurth Electronik
WE-PMMI-0805LP
110
3
6
24
2.0 × 1.2 × 0.6
Wurth Electronik
WE-PMMI-0806
240 to 470
3.5 to 3.0
4.0 to 3.4
15 to 20
2.0 × 1.6 × 0.6
Wurth Electronik
WE-PMCI-0806
240, 470
3.6, 2.9
5.4, 4.2
19, 34
2.0 × 1.6 × 1.0
Wurth Electronik
WE-PMCI-1008
470
3.3
5
25
2.5 × 2.0 × 1.0
Wurth Electronik
WE-LQS-2512
160
3.7
6.4
16
2.5 × 2.0 × 1.2
*Strongly depends on the PCB thermal properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com