Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC3307A
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Transient performance and control loop stability can be
improved with a higher COUT and/or the addition of a
feedforward capacitor CFF placed between VOUT and FB.
Capacitor CFF provides phase lead compensation by cre-
ating a high frequency zero which improves the phase
margin and the high-frequency response. The values used
in the typical application circuits are a good starting point.
LTpowerCAD® is a useful tool to help optimize CFF and
COUT for a desired transient performance.
Applying a load transient and monitoring the response of
the system or using a network analyzer to measure the
actual loop response are two ways to experimentally verify
transient performance and control loop stability, and to
optimize CFF and COUT.
When using the load transient response method to sta-
bilize the control loop apply an output current pulse of
20% to 100% of full load current having a very fast rise
time. This will produce a transient on the output voltage.
Monitor VOUT for overshoot or ringing that might indicate
a stability problem (see Application Note AN149).
Output Voltage Sensing
The LTC3307A’s AGND pin is the ground reference for the
internal analog circuitry, including the bandgap voltage
reference. To achieve good load regulation connect the
AGND pin to the negative terminal of the output capacitor
(COUT) at the load. Any drop in the high current power
ground return path will be compensated. The AGND
node carries very little current and, therefore, can be a
minimal size trace. Place a small analog bypass 0201
or 0402 ceramic capacitor as close as possible to the
LTC3307A directly on the traces leading from VIN (Pin 3)
and AGND pin. All of the signal components, such as the
FB resistor dividers and the RT resistor, should be refer-
enced to the AGND node. See the example PCB Layout
for more information.
Enable Threshold Programming
The LTC3307A has a precision threshold enable pin to
enable or disable the switching. When forced low, the
device enters a low current shutdown mode.
The rising threshold of the EN comparator is 400mV,
with 50mV of hysteresis. The EN pin can be tied to VIN
if the shutdown feature is not used. Adding a resistor
divider from VIN to EN programs the LTC3307A to regu-
late the output only when VIN is above a desired voltage
(see Figure 2). Typically, this threshold, VIN(EN), is used
in situations where the input supply is current limited, or
has a relatively high source resistance. A switching regu-
lator draws near constant power from its input source,
so source current increases as source voltage drops. This
looks like a negative resistance load to the source and can
cause the source to current limit or latch low under low
source voltage conditions. The VIN(EN) threshold prevents
the regulator from operating at source voltages where
problems may occur. This threshold can be adjusted by
setting the values R1 and R2 such that they satisfy the
following equation:
VIN EN
( ) =
R1
R2
+ 1
⎛
⎝
⎜
⎞
⎠
⎟ • 400mV
(10)
as shown in Figure 2:
Figure 2.
R1
VIN
EN
3307A F02
BUCK
SWITCHING
REGULATOR
R2
EN Divider
The LTC3307A will remain off until VIN is above VIN(EN).
The buck regulator will remain enabled until VIN falls to
0.875 • VIN(EN) and EN is 350mV.
Alternatively, a resistor divider from an output of an
upstream regulator to the EN pin of the LTC3307A pro-
vides event-based power-up sequencing, enabling the
LTC3307A when the output of the upstream regulator
reaches a predetermined level (e.g. 90% of the regu-
lated output). Replace VIN(EN) in Equation 10 with that
predetermined level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com