Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 1 Page - Analog Devices

  LTC3370 Datasheet HTML 1Page - Analog Devices LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC3307A
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
5V, 3A Synchronous Step-Down
Silent Switcher in 2mm x 2mm LQFN
The LTC®3307A is a very small, high efficiency, low noise,
monolithic synchronous 3A step-down DC/DC converter
operating from a 2.25V to 5.5V input supply. Using con-
stant frequency, peak current mode control at switching
frequencies up to 3MHz and minimum on-time as low as
22ns, this regulator achieves fast transient response with
small external components. Silent Switcher architecture
minimizes EMI emissions.
The LTC3307A operates in forced continuous or pulse
skip mode for low noise, or low-ripple Burst Mode opera-
tion for high efficiency at light loads, ideal for battery-
powered systems. The IC regulates output voltages as
low as 500mV. Other features include output overvoltage
protection, short-circuit protection, thermal shutdown,
clock synchronization, and up to 100% duty cycle opera-
tion for low dropout. The device is available in a low pro-
file 12-lead 2mm × 2mm × 0.74mm LQFN package with
exposed pad for low thermal resistance.
High Efficiency, 2MHz, 1.2V 3A Step-Down Converter
Efficiency and Power Loss
in Burst Mode Operation
APPLICATIONS
n
High Efficiency: 8mΩ NMOS, 31mΩ PMOS
n
Programmable Frequency to 3MHz
n
Tiny Inductor and Capacitors
n
Peak Current Mode Control
n
22ns Minimum On-Time
n
Wide Bandwidth, Fast Transient Response
n
Silent Switcher™ Architecture
n
Ultralow EMI Emissions
n
Low Ripple Burst Mode® Operation with IQ of 40µA
n
Safely Tolerates Inductor Saturation in Overload
n
VIN Range: 2.25V to 5.5V
n
VOUT Range: 0.5V to VIN
n
VOUT Accuracy: ±1% Over Temperature Range
n
Precision 400mV Enable Threshold
n
Shutdown Current: 1µA
n
Power Good, Internal Compensation and Soft Start
n
Thermally Enhanced 2mm × 2mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Optical Networking, Servers, Telecom
n
Automotive, Industrial, Communications
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
All registered trademarks and trademarks are the property of their respective owners.
Features
Applications
Typical Application
Description
Absolute Maximum Ratings
Order Information
Pin Configuration
Electrical Characteristics
Typical Performance Characteristics
Pin Functions
Block Diagram
Operation
Applications Information
Typical Applications
Package Description
Revision History
Typical Application
Related Parts
1µF
0201
3307A TA01a
EN
SW
SW
VIN
VIN
PGND
140k
10pF
4.7µF
4.7µF
470nH
100k
15µF
x2
VOUT
1.2V
3A
VIN = 2.25V TO 5.5V
FB
AGND
PGOOD
LTC3307A
1µF
0201
MODE/SYNC
RT
fOSC = 2MHz
VIN
10nF
VIN = 3.3V
VOUT = 1.2V
fSW = 2 MHz
EFFICIENCY
POWER LOSS
Murata DFE201210S–R47M
LOAD CURRENT (A)
0.001
0.01
0.1
1
3
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
in Burst Mode Operation
Efficiency and Power Loss
3307A TA01b


Similar Part No. - LTC3370

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3370 AD-LTC3370 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3370 AD-LTC3370 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3370 AD-LTC3370 Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
More results

Similar Description - LTC3370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3315A AD-LTC3315A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3315B AD-LTC3315B Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3311S AD-LTC3311S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
LTC3313 AD-LTC3313 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com