Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC3307A
9
Rev. A
For more information www.analog.com
PIN FUNCTIONS
AGND (Pin 1): The AGND pin is the output voltage remote
ground sense. Connect the AGND pin directly to the nega-
tive terminal of the output capacitor at the load. The AGND
pin is also the ground reference for the internal analog cir-
cuitry. Place a small analog bypass 0201 or 0402 ceramic
capacitor as close as possible to the VIN (Pin 3) and AGND
pins. Connect RT and FB returns to AGND as well.
EN (Pin 2): The EN pin has a precision IC enable thresh-
old with hysteresis. An external resistor divider, from
VIN or from another supply, can be used to program the
threshold below which the LTC3307A will shut down. If
the precision threshold is not required, tie EN directly
to VIN. When the EN pin is low the LTC3307A enters a
low current shutdown mode where all internal circuitry
is disabled. Do not float this pin.
VIN (Pins 3, 8): The VIN pins supply current to internal
circuitry and topside power switch. Connect both VIN pins
together with short wide traces and bypass to PGND and
AGND with low ESR capacitors located as close as pos-
sible to the pins.
PGND (Pins 4, 7, Exposed Pad Pin 13): The PGND pins
are the return path of the internal bottom side power
switch. Connect the negative terminal of the input capaci-
tors as close to the PGND pins as possible. For low para-
sitic inductance and good thermal performance, connect
Pin 4 and Pin 7 to a large continuous ground plane on
the printed circuit board directly under the LTC3307A.
The PGND exposed pad is the main electrical and thermal
highway and should be connected to large PCB ground
plane(s) with many vias.
SW (Pins 5, 6): The SW pins are the switching outputs of
the internal power switches. Connect these pins together
and to the inductor with a short, wide trace.
MODE/SYNC (Pin 9): The MODE/SYNC pin is a mode
selection and external clock synchronization input. Ground
this pin to enable Pulse Skip mode at light loads. For
higher efficiency at light loads, tie this pin to VIN to enable
the low-ripple Burst Mode operation. For faster transient
response, lower noise and full frequency operation over
a wide load range, float this pin to enable forced continu-
ous mode. Drive MODE/SYNC with an external clock to
synchronize the switcher to the applied frequency. While
synchronizing, the part operates in the forced continuous
mode. The slope compensation is automatically adapted
to the external clock frequency. In the absence of an
external clock the switching frequency is determined by
the RT pin.
RT (Pin 10): The RT pin sets the switching frequency with
an external resistor to AGND. If this pin is tied to VIN, the
buck will switch at the default oscillator frequency. If the
external clock is driving the MODE/SYNC pin, the RT pin
is ignored.
PGOOD (Pin 11): The PGOOD pin is the open drain output
of an internal power good comparator. When the regulated
output voltage falls below the PGOOD threshold or rises
above the overvoltage threshold, this pin is pulled low.
When VIN is above VIN UVLO and the part is in shutdown,
this pin is also pulled low.
FB (Pin 12): Program the output voltage and close the
control loop by connecting this pin to the middle node
of a resistor divider between the VOUT and AGND. The
LTC3307A regulates FB to 500mV (typical). A phase lead
capacitor connected between FB and VOUT may be used
to optimize transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com