Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC3307A
14
Rev. A
For more information www.analog.com
disadvantages of higher switching frequencies are lower
efficiency, because of increased switching losses, and a
smaller input voltage range, because of minimum switch
on-time limitations.
The minimum on-time of the buck regulator imposes a
minimum operating duty cycle. The highest switching
frequency (fSW(MAX)) for a given application can be cal-
culated as follows:
fSW MAX
(
) =
VOUT
tON MIN
(
) • VIN MAX
(
)
(2)
where VIN(MAX) is the maximum input voltage, VOUT
is the output voltage and tON(MIN) is the minimum top
switch on-time. This equation shows that a slower
switching frequency is necessary to accommodate a high
VIN(MAX)/VOUT ratio.
The LTC3307A is capable of a maximum duty cycle of
100%, therefore, the VIN-to-VOUT dropout is limited by
the RDS(ON) of the top switch, the inductor DCR and the
load current.
Setting the Switching Frequency
The LTC3307A uses a constant frequency peak current
mode control architecture. There are three methods to
set the switching frequency.
The first method, connecting the RT pin to VIN, sets the
switching frequency to the internal default with a nominal
value of 2MHz.
The second method is with a resistor (RT) tied from the
RT pin to ground. The frequency can be programmed
from 1MHz to 3MHz. Table 1 and the Equation 3 show
the necessary RT value for a desired switching frequency:
RT =
73.4
fsw
– 1.9
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz, ranging from 1MHz to 3MHz.
APPLICATIONS INFORMATION
Table 1. RT Value vs Switching Frequency
fSW (MHz)
RT (kΩ)
1.0
71.5
1.2
59.0
1.4
49.9
1.6
43.2
1.8
38.3
2.0
34.8
2.2
30.9
2.4
28.7
2.6
26.1
2.8
24.3
3.0
22.6
The third method to set the switching frequency is by syn-
chronizing the internal PLL circuit to an external square
wave clock applied to the MODE/SYNC pin. The synchro-
nization frequency range is 1MHz to 3MHz. The square
wave amplitude should have valleys that are below 0.4V
and peaks above 1.2V. High and low pulse widths should
both be at least 40ns.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR and
core loss.
Select the inductor value based on the following equation:
L ≥
VOUT
0.9A • fSW
• 1−
VOUT
VIN MAX
(
)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟ for
VOUT
VIN MAX
(
)
≤ 0.5(4)
L ≥
0.25 • VIN MAX
(
)
0.9A • fSW
for
VOUT
VIN MAX
(
)
> 0.5
(5)
where fSW is the switching frequency, VIN(MAX) is the
maximum input voltage.
To avoid overheating of the inductor choose an induc-
tor with an RMS current rating that is greater than the
maximum expected output load of the application.
Overload and short-circuit conditions need to be taken
into consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com