Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC3307A
10
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
+
–
0.4V
FAULT
FAULT
+
–
0.55V
+
–
0.49V
SS
ISS
3307A BD
VIN
VIN
SW
PGND
FB
PGOOD
L
COUT
VOUT
CIN
VIN
CSS
CFF
RA
RB
SWITCH LOGIC
AND
ANTI-SHOOT
THROUGH
Q
S
R
MODE/SYNC
RT
BURST
DETECT
+
–
OSCILLATOR
INTERNAL
REFERENCE
SLOPE
COMP
EN
R1
R2
(OPT)
AGND
RT
0.55V
0.5V
0.49V
MODE
DETECT
BURST
FORCED CONTINUOUS
PULSE SKIP
RC
CC
CPAR
GM
0.5V
VC
3, 8
5, 6
4, 7, AND
13 (EXPOSED PAD)
12
11
9
10
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com