Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC3307A
6
Rev. A
For more information www.analog.com
VIN UVLO Threshold
VIN Shutdown Current
VIN Quiescent Current, Burst
Mode Operation, Sleeping
VIN Quiescent Current All Modes,
Not Sleeping
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Switch Current Limits
EN Threshold
PMOS Current Limit
Switch Leakage
PMOS Current Limit
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3307A G13
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
30
35
40
45
50
55
60
65
70
3307A G14
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.00
1.05
1.10
1.15
1.20
1.25
1.30
3307A G15
VIN = 5.5V
PMOS
NMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
1
2
3
4
5
3307A G16
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
340
350
360
370
380
390
400
410
EN Threshold
3307A G17
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.8
1.9
2.0
2.1
2.2
2.3
2.4
VIN UVLO Threshold
3307A G18
VIN = 2.5V
VIN = 3.3V
VIN = 5V
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
PMOS Current Limit
3307A G12
DUTY CYCLE = 20%
25°C
–60°C
150°C
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
PMOS Current Limit
3307A G11
DUTY CYCLE = 20%
NMOS IVALLEYMAX
PMOS IPEAKMAX
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Switch Current Limits
3307A G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com