Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTC3307A
18
Rev. A
For more information www.analog.com
Low EMI PCB Layout
The LTC3307A is specifically designed to minimize
EMI/EMC emissions and also to maximize efficiency
and improve transient response when switching at
high frequencies.
See Figure 3 for a recommended PCB layout.
For optimal performance the LTC3307A requires that
both input supply VIN pins (Pins 3, 8) each have a local
decoupling capacitor with their ground terminals soldered
directly to the ground plane on the top layer near PGND
pins (Pins 4, 7). These capacitors provide the AC current
to the internal power MOSFETs and their drivers. Large,
switched currents flow in the VIN and PGND pins and the
input capacitors. The loops formed by the input capacitors
should be as small as possible by placing the capacitors
adjacent to the VIN and PGND pins. Capacitors with small
case size such as 0603 are optimal due to lowest parasitic
Figure 3a.
3307A F03
PGND
AGND
VOUT
VOUT
COUT1
COUT2
L
CIN1
RB
RA
CFF
CIN2
CIN4
CIN3
PGND
VIN
VIN
GROUND PLANE ON LAYER 2
RT
CBYP
1
7
4
10
13
Recommended PCB Layout for the LTC3307A
Small Solution Size
inductance. Even smaller 0201 capacitors can additionally
be placed right next to the respective VIN and PGND pins
for better performance with minimal (if at all) increase in
application footprint. In addition, place a local, unbroken
ground plane under the application circuit on the layer
closest to the surface layer.
Decoupling AGND is also very important. Place a small
analog bypass 0201 or 0402 capacitor as close as pos-
sible to the LTC3307A directly on the traces leading from
VIN (Pin 3) and AGND (Pin 1).
Place the inductor on the same side of the circuit board.
The trace connecting SW pins (Pins 5, 6) to the inductor
should be as short as possible to reduce radiated EMI and
parasitic coupling.
Keep the FB and RT nodes small and far away or shielded
from the noisy SW node.
APPLICATIONS INFORMATION
3307A F03b
PGND
AGND
COUT3
COUT1
COUT4
COUT2
VOUT
L
CIN1
RB
RA
CFF
CIN2
CIN4
CIN3
PGND
VIN
VIN
GROUND PLANE ON LAYER 2
RT
CBYP
1
7
4
10
13
Figure 3b. Recommended PCB Layout for the LTC3307A with
capacitors COUT1 and COUT2 rotated by 90°, which reduces high-
frequency output ripple. Optional 0201 capacitors COUT3 and
COUT4 further improve the high-frequency output ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com