Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices LTC3370 Datasheet HTML 25Page - Analog Devices LTC3370 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC3307A
26
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2019
www.analog.com
11/19
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3308A
5V, 4A Synchronous Step-Down
Silent Switcher in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 4A at Switching Frequencies
up to 3MHz. Silent Switcher Architecture for Ultralow EMI Emissions. 2.25V to 5.5V Input
Operating Range. 0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD Indication,
RT Programming, SYNC Input. 2mm x 2mm LQFN.
LTC3309A
5V, 6A Synchronous Step-Down
Silent Switcher in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 6A at Switching Frequencies
up to 3MHz. Silent Switcher Architecture for Ultralow EMI Emissions. 2.25V to 5.5V Input
Operating Range. 0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD Indication,
RT Programming, SYNC Input. 2mm x 2mm LQFN.
LTC3315A
Dual 5V, 2A Synchronous Step-Down
DC/DCs in 2mm × 2mm LQFN
Dual Monolithic Synchronous Step-Down Voltage Regulators each Capable of Supplying 2A at
Switching Frequencies up to 3MHz. 2.25V to 5.5V Input Operating Range. 0.5V to VIN Output
Voltage Range with ±1% Accuracy. PGOOD Indication, SYNC Input. 2mm x 2mm LQFN.
LTC3310S
5V, 10A Synchronous Step-Down
Silent Switcher 2 in 3mm × 3mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A at Switching Frequencies
up to 5MHz. Silent Switcher Architecture for Ultralow EMI Emissions. 2.25V to 5.5V Input
Operating Range. 0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD Indication, RT
Programming, SYNC Input. Configurable for Paralleling Power Stages. 3mm x 3mm LQFN.
LTC3370/
LTC3371
4-Channel 8A Configurable 1A Buck
DC/DCs
Four Synchronous Buck Regulators with 8 × 1A Power Stages. Can Connect Up to Four
Power Stages in Parallel to Make a High Current Output (4A Maximum) with a Single Inductor,
8 Output Configurations Possible, Precision PGOOD Indication. LTC3371 Has a Watchdog
Timer. LTC3370: 32-Lead 5mm × 5mm QFN. LTC3371: 38-Lead 5mm × 7mm QFN and TSSOP
LTC3374A
8-Channel Parallelable 1A Buck DC/DCs Eight 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in Parallel to
Make a High Current Output (4A Maximum) with a Single Inductor, 15 Output Configurations
Possible. Precision Enable inputs and PGOOD_ALL reporting. 38-Lead 5mm × 7mm QFN and
TSSOP
LTC3375
8-Channel Parallelable 1A Buck DC/DCs Eight 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in Parallel to
Make a High Current Output (4A Maximum) with a Single Inductor, 15 Output Configurations
Possible. Precision Enable Inputs and PGOOD_ALL Reporting. I2C Programming with a
Watchdog Timer and Pushbutton. 48-Lead 7mm × 7mm QFN
LTC3616
5.5V, 6A, 4MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25 to 5.5V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
LTC3412A
3A, 4MHz, Monolithic Synchronous
Step-Down Regulator
95% Efficiency, VIN: 2.25 to 5.5V, VOUT(MIN) = 0.8V, IQ = 64µA, ISD < 1µA,
4mm × 4mm QFN-16 Package
High Efficiency, 2MHz, 0.5V, 3A
3307A TA08
EN
SW
SW
VIN
VIN
PGND
4.7µF
10nF
4.7µF
220nH
33µF
x2
1M
(OPT)
VOUT
0.5V
3A
VIN = 2.25V TO 5.5V
AGND
FB
RT
LTC3307A
511k
VOUT
PGOOD
VIN
1µF
0201
1µF
0201
MODE/SYNC
fOSC = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com