Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices LTC6906 Datasheet HTML 29Page - Analog Devices LTC6906 Datasheet HTML 30Page - Analog Devices LTC6906 Datasheet HTML 31Page - Analog Devices LTC6906 Datasheet HTML 32Page - Analog Devices LTC6906 Datasheet HTML 33Page - Analog Devices LTC6906 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
33
Rev. D
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
01/11
Revised θJA value for TSOT package in the Pin Configuration.
Added Note 7 for VOH and VOL in the Electrical Characteristics table.
Minor edit to the Block Diagram.
Minor edit to the equation in the “Duty Cycle Sensitivity to ∆VSET” section.
Revised Typical Application drawings.
2
4
12
19
25
B
07/11
Revised Description and Order Information sections
Added additional information to ∆fOUT/∆V+ and included Note 11 in Electrical Characteristics section
Added Typical Frequency Error vs Time curve to Typical Performance Characteristics section
Added text to Basic Operation paragraph in Applications Information section
Corrected fOUT value in Typical Application drawing 6692 TA13
1 to 3
3, 4
11
19
29
C
01/12
Added MP-Grade
1, 2, 3, 5
D
11/19
Added AEC-Q100 Qualified Note to Front Page
Added W-Grade Order Information
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com