Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
19
Rev. D
For more information www.analog.com
Changing DIVCODE After Start-Up
Following start-up, the A/D converter will continue moni-
toring VDIV for changes. Changes to DIVCODE will be
recognized slowly, as the LTC6992 places a priority on
eliminating any “wandering” in the DIVCODE. The typi-
cal delay depends on the difference between the old and
new DIVCODE settings and is proportional to the master
oscillator period.
tDIVCODE = 16 • (∆DIVCODE + 6) • tMASTER
A change in DIVCODE will not be recognized until it is
stable, and will not pass through intermediate codes.
A digital filter is used to guarantee the DIVCODE has set-
tled to a new value before making changes to the output.
Then the output will make a clean (glitchless) transition
to the new divider setting.
OPERATION
Start-Up Time
When power is first applied, the power-on reset (POR)
circuit will initiate the start-up time, tSTART. The OUT pin
is held low during this time. The typical value for tSTART
ranges from 0.5ms to 8ms depending on the master oscil-
lator frequency (independent of NDIV):
tSTART(TYP) = 500 • tMASTER
The output will begin oscillating after tSTART. If POL = 0
the first pulse has the correct width. If POL = 1 (DIVCODE
≥ 8), the first pulse width can be shorter or longer than
expected, depending on the duty cycle setting, and will
never be less than 25% of tOUT.
During start-up, the DIV pin A/D converter must determine
the correct DIVCODE before the output is enabled. The
start-up time may increase if the supply or DIV pin volt-
ages are not stable. For this reason, it is recommended to
minimize the capacitance on the DIV pin so it will properly
track V+. Less than 100pF will not affect performance.
6992 F06
OUT
DIV
STABLE VDIV
V+
tDIVCODE
tSTART
1ST PULSE WIDTH MAY BE INACCURATE
Figure 5. DIVCODE Change from 3 to 1
Figure 6. Start-Up Timing Diagram
DIV
0.5V/DIV
OUT
1V/DIV
V+ = 3.3V
RSET = 200k
VMOD = 0.3V
100µs/DIV
6992 F05
512µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com