Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
15
Rev. D
For more information www.analog.com
OPERATION
The LTC6992 is built around a master oscillator with a
1MHz maximum frequency. The oscillator is controlled
by the SET pin current (ISET) and voltage (VSET), with a
1MHz • 50k conversion factor that is accurate to ±0.8%
under typical conditions.
fMASTER =
1
tMASTER
= 1MHz • 50k •
ISET
VSET
A feedback loop maintains VSET at 1V ±30mV, leaving ISET
as the primary means of controlling the output frequency.
The simplest way to generate ISET is to connect a resistor
(RSET) between SET and GND, such that ISET = VSET/RSET.
The master oscillator equation reduces to:
fMASTER =
1
tMASTER
=
1MHz • 50k
RSET
From this equation, it is clear that VSET drift will not affect
the output frequency when using a single program resis-
tor (RSET). Error sources are limited to RSET tolerance and
the inherent frequency accuracy ∆fOUT of the LTC6992.
RSET may range from 50k to 800k (equivalent to ISET
between 1.25μA and 20μA).
The LTC6992 includes a programmable frequency divider
which can further divide the frequency by 1, 4, 16, 64,
256, 1024, 4096 or 16384 before driving the OUT pin.
The divider ratio NDIV is set by a resistor divider attached
to the DIV pin.
fOUT =
1
tOUT
=
1MHz • 50k
NDIV
•
ISET
VSET
With RSET in place of VSET/ISET the equation reduces to:
fOUT =
1
tOUT
=
1MHz • 50k
NDIV •RSET
DIVCODE
The DIV pin connects to an internal, V+ referenced 4-bit
A/D converter that determines the DIVCODE value.
DIVCODE programs two settings on the LTC6992:
1. DIVCODE determines the output frequency divider set-
ting, NDIV.
2. DIVCODE determines the output polarity, via the POL
bit.
VDIV may be generated by a resistor divider between V+
and GND as shown in Figure 2.
Figure 1. Simple Technique for Setting DIVCODE
6992 F01
LTC6992
V+
DIV
GND
R1
R2
2.25V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com