Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
14
Rev. D
For more information www.analog.com
BLOCK DIAGRAM (S6 Package Pin Numbers Shown)
6992 BD
PROGRAMMABLE DIVIDER
÷1, 4, 16, 64, 256, 1024, 4096, 16384
MASTER OSCILLATOR
DISABLE OUTPUT
UNTIL SETTLED
POR
OUTPUT
POLARITY
DIGITAL
FILTER
4-BIT A/D
CONVERTER
fOSC = 1MHz • 50kΩ •
ISET
VSET
POL
R1
R2
DIV
V+
OUT
D =
tON
tOUT
5
4
1
6
HALT OSCILLATOR
IF ISET < 500nA
MCLK
+
–
ISET
VSET = 1V
+– VREF
1V
3
22
GND
SET
MOD
RSET
DUTY CYCLE =
VMOD(LIM) – 0.1•VSET
0.8•VSET
VOLTAGE LIMITER
VMOD(LIM)
VMOD
PULSE WIDTH MODULATOR
tOUT
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com